Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP17E070064A Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # AP17E070064A
Description  17mm One Stage GPS/Galileo Active Patch Antenna Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AP17E070064A Datasheet(HTML) 4 Page - Taoglas antenna solutions

  AP17E070064A Datasheet HTML 1Page - Taoglas antenna solutions AP17E070064A Datasheet HTML 2Page - Taoglas antenna solutions AP17E070064A Datasheet HTML 3Page - Taoglas antenna solutions AP17E070064A Datasheet HTML 4Page - Taoglas antenna solutions AP17E070064A Datasheet HTML 5Page - Taoglas antenna solutions AP17E070064A Datasheet HTML 6Page - Taoglas antenna solutions AP17E070064A Datasheet HTML 7Page - Taoglas antenna solutions AP17E070064A Datasheet HTML 8Page - Taoglas antenna solutions AP17E070064A Datasheet HTML 9Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SPE-11-8-144/C
Page 4 of 9
MECHANICAL
Dimensions
17mm*17mm*6.3mm
RF Cable
Ø1.13 RF Coaxial Cable L=64mm2.5mm
RF Connector
IPEX MHFI
ENVIRONMENTAL
Operation Temperature
-40°C to + 85°C
Storage Temperature
-40°C to + 85°C
Relative Humidity
40% to 95%


Similar Part No. - AP17E070064A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP17E070064A ETC2-AP17E070064A Datasheet
1Mb / 11P
   17mm One Stage GPS Active Patch Antenna Module with Front End SAW Filter
More results

Similar Description - AP17E070064A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AP25E070054A TAOGLAS-AP25E070054A Datasheet
708Kb / 10P
   25mm one Stage GPS/Galileo Active Patch Antenna Module
logo
List of Unclassifed Man...
AP17F070064A ETC2-AP17F070064A Datasheet
1Mb / 11P
   17mm Two Stage GPS Active Patch Antenna Module
AP17E070064A ETC2-AP17E070064A Datasheet
1Mb / 11P
   17mm One Stage GPS Active Patch Antenna Module with Front End SAW Filter
logo
Taoglas antenna solutio...
AGGBP25A070060A TAOGLAS-AGGBP25A070060A Datasheet
1Mb / 13P
   25x25mm One Stage GPS-Galileo-Glonass-BeiDou Embedded Active Patch Antenna Module with Front-End SAW Filter
AP10G01 TAOGLAS-AP10G01 Datasheet
856Kb / 10P
   10mm SMT 14dB Active GPS/GALILEO Patch Antenna
logo
List of Unclassifed Man...
AP25M070080A ETC2-AP25M070080A Datasheet
1Mb / 12P
   25mm One Stage GPS Active Patch Antenna Module with front-end Saw Filter
logo
Taoglas antenna solutio...
AP35A070054A TAOGLAS-AP35A070054A Datasheet
988Kb / 11P
   35mm One Stage GPS Active Patch Antenna Module with back-end Saw Filter
AP25J0110000D TAOGLAS-AP25J0110000D Datasheet
592Kb / 8P
   25mm Three Stage Active GPS Patch Antenna
logo
List of Unclassifed Man...
AP35A070054A ETC2-AP35A070054A Datasheet
619Kb / 14P
   35mm One Stage GPS Active Patch Antenna Module with back-end Saw Filter
logo
Taoglas antenna solutio...
AP12B070046A TAOGLAS-AP12B070046A Datasheet
565Kb / 9P
   12mm Two Stage Active GPS Patch Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com