Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA69 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # CA69
Description  169 MHz VHF Ceramic Chip Monopole Antenna
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CA69 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  CA69 Datasheet HTML 1Page - Taoglas antenna solutions CA69 Datasheet HTML 2Page - Taoglas antenna solutions CA69 Datasheet HTML 3Page - Taoglas antenna solutions CA69 Datasheet HTML 4Page - Taoglas antenna solutions CA69 Datasheet HTML 5Page - Taoglas antenna solutions CA69 Datasheet HTML 6Page - Taoglas antenna solutions CA69 Datasheet HTML 7Page - Taoglas antenna solutions CA69 Datasheet HTML 8Page - Taoglas antenna solutions CA69 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SPE-13-8-077/A/WY
Page 4 of 16
3. Return Loss
*The antenna tuning depends on different antenna ground plane application. Taoglas
provides CAD.A.69 and CAD.B.69 evaluation boards to show performance when
antenna is parallel mounted to the ground plane or when it is orthogonally mounted to the
ground-plane.


Similar Part No. - CA69

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA69 ETC2-CA69 Datasheet
3Mb / 16P
   169 MHz VHF Ceramic Chip Monopole Antenna
More results

Similar Description - CA69

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA69 ETC2-CA69 Datasheet
3Mb / 16P
   169 MHz VHF Ceramic Chip Monopole Antenna
logo
Taoglas antenna solutio...
CA50 TAOGLAS-CA50 Datasheet
1Mb / 19P
   5150-5900 MHz Ceramic Chip Monopole Antenna
logo
List of Unclassifed Man...
CA50 ETC2-CA50 Datasheet
1Mb / 18P
   5150-5900 MHz Ceramic Chip Monopole Antenna
logo
Pulse A Technitrol Comp...
W3000 PULSE-W3000 Datasheet
5Mb / 28P
   Ceramic Monopole Antenna
logo
Harris Corporation
RF-398-01 HARRIS-RF-398-01 Datasheet
320Kb / 2P
   VHF LOW-BAND VERTICAL MONOPOLE ANTENNA
logo
Linx Technologies
ANT-916-CW-RAH-CCC LINX-ANT-916-CW-RAH-CCC Datasheet
204Kb / 2P
   916 MHz Helical Monopole Antenna
2019
logo
Pulse A Technitrol Comp...
EGSM900 PULSE-EGSM900 Datasheet
1Mb / 17P
   Ceramic Dual Band Monopole Antenna
W3073 PULSE-W3073 Datasheet
5Mb / 19P
   Ceramic Quad Band Monopole Antenna
W3070 PULSE-W3070 Datasheet
1Mb / 17P
   Ceramic Dual Band Monopole Antenna
logo
List of Unclassifed Man...
FW.45.B.SMA-.M-1 ETC2-FW.45.B.SMA-.M-1 Datasheet
1Mb / 13P
   Monopole Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com