Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSB01A001 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # CSB01A001
Description  Cellular Booster 850/1900 MHz 2x SMA(F) Connectors and DC Power Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CSB01A001 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  CSB01A001 Datasheet HTML 1Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 2Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 3Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 4Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 5Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 6Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 7Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 8Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPE-15-8-004/C/JC
Page 2 of 8
1. Introduction
The CSB.01 cellular booster is a high performance, microprocessor controlled, bi-
directional RF booster for the North American 850 MHz cellular and 1900 MHz PCS
frequency bands. The booster has an automatic gain and oscillation control system
that will automatically adjust the gain and output power if a signal anomaly occurs.
This booster is designed to operate as a direct connect "plug and play" unit for
maximum performance in weak signal coverage areas.
The CSB.01 is equipped with passive bypass technology. This feature allows the
booster to be passively bypassed and become a pass through cable when boosting is
not necessary, during loss of power or when a fault is detected. This is useful in
applications where the booster is mobile, moving in and out of poor signal areas. The
booster will bypass itself when close to cell towers, completely eliminating any
potential for network disrupting noise power caused by too much amplification near a
cell tower. The technology is also extremely useful in fire and security system
installations where a network connection must always be maintained, even with loss
of power.
The CSB.01 has a wide input voltage range of 8.0 to 36.0V allowing for a variety of
power sources. Integrated LED diagnostics alert the user to events such as
initialization, normal operation, increase in gain, decrease in gain, and fault detection.
Please see the Operators Manual for more information.


Similar Part No. - CSB01A001

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CSB-1351 BUD-CSB-1351 Datasheet
38Kb / 1P
   ADAPTER BRACKET, CHASSIS SUPPORT BRACKET
CSB-1352 BUD-CSB-1352 Datasheet
38Kb / 1P
   ADAPTER BRACKET, CHASSIS SUPPORT BRACKET
CSB-1353 BUD-CSB-1353 Datasheet
38Kb / 1P
   ADAPTER BRACKET, CHASSIS SUPPORT BRACKET
CSB-1354 BUD-CSB-1354 Datasheet
38Kb / 1P
   ADAPTER BRACKET, CHASSIS SUPPORT BRACKET
CSB-1355 BUD-CSB-1355 Datasheet
38Kb / 1P
   ADAPTER BRACKET, CHASSIS SUPPORT BRACKET
More results

Similar Description - CSB01A001

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT40007-CE WPI-WPANT40007-CE Datasheet
124Kb / 2P
   850/1900 MHz Dual-band Cellular Wrap-Around AMI Antenna
WPANT40009-CB WPI-WPANT40009-CB Datasheet
189Kb / 3P
   850/1900 MHz Dual-band Cellular Wrap-Around AMI Antenna
WPANT40001-SC1 WPI-WPANT40001-SC1 Datasheet
453Kb / 4P
   850/1900 MHz Dual-band Cellular Wrap-Around AMI Antenna
WPANT10045-C1A WPI-WPANT10045-C1A Datasheet
132Kb / 2P
   850 / 1900 MHz Cellular & 2.4 GHz Wi-Fi Embedded Antenna
logo
List of Unclassifed Man...
PC29090100A ETC2-PC29090100A Datasheet
917Kb / 13P
   Cellular 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
logo
Taoglas antenna solutio...
PC29090100A TAOGLAS-PC29090100A Datasheet
941Kb / 11P
   TheStripe Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
PC29.09.0100A TAOGLAS-PC29.09.0100A_17 Datasheet
1Mb / 11P
   TheStripe??Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
logo
List of Unclassifed Man...
FXP14240100B ETC2-FXP14240100B Datasheet
1Mb / 8P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
FXP14110100B ETC2-FXP14110100B Datasheet
1Mb / 8P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
logo
Taoglas antenna solutio...
FXP14070100A TAOGLAS-FXP14070100A Datasheet
328Kb / 7P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com