Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSB01A001 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # CSB01A001
Description  Cellular Booster 850/1900 MHz 2x SMA(F) Connectors and DC Power Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CSB01A001 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  CSB01A001 Datasheet HTML 1Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 2Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 3Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 4Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 5Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 6Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 7Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 8Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SPE-15-8-004/C/JC
Page 3 of 8
2. Specification
ELECTRICAL
Frequency
824 MHz -894 MHz, 1850 MHz - 1990 MHz
Maximum RF Output Power
27 dBm
Maximum RF Input Power
-20 dBm
Nominal RF Gain
15 dB
Current Draw @ 12V
Idle:250 mA, Max: 1A
Input Voltage
+8.0 to 36.0V
Impedance
50 Ohms
MECHANICAL
Dimensions
4.9" L x 2.7" W x 0.92" H
Weight
?
Connector
SMA(F)
ENVIRONMENTAL
Operating Temperature
-20C to +50C
Storage Temperature
-30C to +70C
Relative Humidity
5% to 90% storage


Similar Part No. - CSB01A001

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CSB-1351 BUD-CSB-1351 Datasheet
38Kb / 1P
   ADAPTER BRACKET, CHASSIS SUPPORT BRACKET
CSB-1352 BUD-CSB-1352 Datasheet
38Kb / 1P
   ADAPTER BRACKET, CHASSIS SUPPORT BRACKET
CSB-1353 BUD-CSB-1353 Datasheet
38Kb / 1P
   ADAPTER BRACKET, CHASSIS SUPPORT BRACKET
CSB-1354 BUD-CSB-1354 Datasheet
38Kb / 1P
   ADAPTER BRACKET, CHASSIS SUPPORT BRACKET
CSB-1355 BUD-CSB-1355 Datasheet
38Kb / 1P
   ADAPTER BRACKET, CHASSIS SUPPORT BRACKET
More results

Similar Description - CSB01A001

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT40007-CE WPI-WPANT40007-CE Datasheet
124Kb / 2P
   850/1900 MHz Dual-band Cellular Wrap-Around AMI Antenna
WPANT40009-CB WPI-WPANT40009-CB Datasheet
189Kb / 3P
   850/1900 MHz Dual-band Cellular Wrap-Around AMI Antenna
WPANT40001-SC1 WPI-WPANT40001-SC1 Datasheet
453Kb / 4P
   850/1900 MHz Dual-band Cellular Wrap-Around AMI Antenna
WPANT10045-C1A WPI-WPANT10045-C1A Datasheet
132Kb / 2P
   850 / 1900 MHz Cellular & 2.4 GHz Wi-Fi Embedded Antenna
logo
List of Unclassifed Man...
PC29090100A ETC2-PC29090100A Datasheet
917Kb / 13P
   Cellular 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
logo
Taoglas antenna solutio...
PC29090100A TAOGLAS-PC29090100A Datasheet
941Kb / 11P
   TheStripe Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
PC29.09.0100A TAOGLAS-PC29.09.0100A_17 Datasheet
1Mb / 11P
   TheStripe??Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
logo
List of Unclassifed Man...
FXP14240100B ETC2-FXP14240100B Datasheet
1Mb / 8P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
FXP14110100B ETC2-FXP14110100B Datasheet
1Mb / 8P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
logo
Taoglas antenna solutio...
FXP14070100A TAOGLAS-FXP14070100A Datasheet
328Kb / 7P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1800/1900/2100MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com