Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA209ALB001 Datasheet(PDF) 10 Page - Taoglas antenna solutions

Part # MA209ALB001
Description  Stream 2 GPS/GLONASS/GALILEO & Cellular (LTE/GSM/CDMA/UMTS/HSPA) 2in1 Combination Antenna
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA209ALB001 Datasheet(HTML) 10 Page - Taoglas antenna solutions

Back Button MA209ALB001 Datasheet HTML 6Page - Taoglas antenna solutions MA209ALB001 Datasheet HTML 7Page - Taoglas antenna solutions MA209ALB001 Datasheet HTML 8Page - Taoglas antenna solutions MA209ALB001 Datasheet HTML 9Page - Taoglas antenna solutions MA209ALB001 Datasheet HTML 10Page - Taoglas antenna solutions MA209ALB001 Datasheet HTML 11Page - Taoglas antenna solutions MA209ALB001 Datasheet HTML 12Page - Taoglas antenna solutions MA209ALB001 Datasheet HTML 13Page - Taoglas antenna solutions MA209ALB001 Datasheet HTML 14Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SPE-13-8-027/B
Page 10 of 18
MA.209.A.L301111.B305111
YZ Plane 1602MHz Horizontal & Vertical
1602 MHz
Peak Gain
Zenith Gain
V+H
3.25
3.25
(dBi)
3.4. LNA
LNA
Frequency Range
1575.42±10MHz for GPS/GALILEO
1602±8MHz for GNSS
Output Impedance
50 Ohm
Output VSWR
2.0 Max.
Supply Voltage
Gain(Typ)
Noise
Figure(Typ)
Power Consumption
(Typ.)
1.8V
24dB
2.4dB for
GPS/GALILEO
2.7dB for GNSS
5.5mA
3.0V
30dB
2.4dB for
GPS/GALILEO
2.7dB for GNSS
13.2mA
5.5V
32dB
2.4dB for
GPS/GALILEO
2.7dB for GNSS
16.2mA


Similar Part No. - MA209ALB001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA209ALB001 ETC2-MA209ALB001 Datasheet
2Mb / 22P
   Stream Two - GPS/Glonass & Cellular 2in1 Combination Antenna
More results

Similar Description - MA209ALB001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA209ALB001 ETC2-MA209ALB001 Datasheet
2Mb / 22P
   Stream Two - GPS/Glonass & Cellular 2in1 Combination Antenna
logo
Taoglas antenna solutio...
MA208.A.AB.001 TAOGLAS-MA208.A.AB.001_17 Datasheet
1Mb / 19P
   GPS/GALILEO and LTE/GSM/UMTS Combination Antenna
MA208AAB001 TAOGLAS-MA208AAB001 Datasheet
1Mb / 19P
   GPS/GALILEO and LTE/GSM/UMTS Combination Antenna
MA209.A.LB.001 TAOGLAS-MA209.A.LB.001_17 Datasheet
2Mb / 18P
   Stream 2 GPS/GLONASS/GALILEO & Cellular
MA208AAB007 TAOGLAS-MA208AAB007 Datasheet
949Kb / 18P
   GPS/GALILEO and LTE/GSM/UMTS Combination Antenna
MA208.A.AB.007 TAOGLAS-MA208.A.AB.007_17 Datasheet
1Mb / 17P
   GPS/GALILEO and LTE/GSM/UMTS Combination Antenna
MA204.A.LB.002 TAOGLAS-MA204.A.LB.002_18 Datasheet
1Mb / 23P
   Stingray 2in1 GPS/GLONASS/GALILEO and Cellular Adhesive Antenna
MA106CLB001 TAOGLAS-MA106CLB001 Datasheet
1Mb / 31P
   MA106 GPS/GLONASS/GALILEO and Cellular 2in1 Combination Hercules
logo
List of Unclassifed Man...
MA208AAB007 ETC2-MA208AAB007 Datasheet
1Mb / 19P
   GPS and LTE/GSM/UMTS Combination Antenna
MA208AAB001 ETC2-MA208AAB001 Datasheet
1Mb / 19P
   GPS and LTE/GSM/UMTS Combination Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com