Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC29070100A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # PC29070100A
Description  TheStripe??Penta-Band GSM 850 / 900 / 1800 / 1900 & UMTS / WCDMA (3G) 2100 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PC29070100A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  PC29070100A Datasheet HTML 1Page - Taoglas antenna solutions PC29070100A Datasheet HTML 2Page - Taoglas antenna solutions PC29070100A Datasheet HTML 3Page - Taoglas antenna solutions PC29070100A Datasheet HTML 4Page - Taoglas antenna solutions PC29070100A Datasheet HTML 5Page - Taoglas antenna solutions PC29070100A Datasheet HTML 6Page - Taoglas antenna solutions PC29070100A Datasheet HTML 7Page - Taoglas antenna solutions PC29070100A Datasheet HTML 8Page - Taoglas antenna solutions PC29070100A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SPE-11-8-066/B
Page 2 of 11
1. Introduction
This high performance, low profile, PCB antenna is based on smart TheStripe™
antenna technology. It consists of a PCB antenna and mini coaxial cable. The product
is a high gain Penta-band 850/900/1800/1900/2100 antenna suitable for worldwide
GSM, UMTS and WCDMA applications. Its high efficiency (62% average) makes it an
ideal choice to pass telecom operator’s testing approvals. The product should be tested
in free space conditions connected to the client’s cellular device.
Further optimization can be done upon receipt of the client’s device at a local Taoglas
facility.
2. Specifications
CELLULAR
Communication system
AMPS
GSM
DCS
PCS
UMTS/WCDMA
Frequency Band
850MHz
900MHz
1800MHz
1900MHz
2100MHz
VSWR
1.58
1.78
1.51
1.38
1.37
Return Loss
-12.96
-11.00
-13.79
-15.81
-16.11
Efficiency
56.84%
72.98%
63.52%
55.79%
63.25%
Peak Gain
0.01dBi
1.2dBi
2.66dBi
1.25dBi
1.43dBi
Average Gain
-2.45dB
-1.37dB
-1.97dB
-2.53dB
-1.99dB
Impedance
50 Ohm
Radiation Pattern
Omnidirectional
Polarization
Horizontal
MECHANCIAL
Dimensions
80 * 30mm
RF Cable
RF Coaxial Cable ψ1.13 ± 0.1mm, L = 100 mm
Gray Color
RF Connector
IPEX MHF I (U.FL)
ENVIRONMENTAL
Operation Temperature
-40°C to + 85°C
Storage Temperature
-40°C to + 95°C
Relative Humidity
40% to 95%


Similar Part No. - PC29070100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC29070100A ETC2-PC29070100A Datasheet
892Kb / 13P
   GSM 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
More results

Similar Description - PC29070100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC29090100A TAOGLAS-PC29090100A Datasheet
941Kb / 11P
   TheStripe Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
PC29.09.0100A TAOGLAS-PC29.09.0100A_17 Datasheet
1Mb / 11P
   TheStripe??Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
logo
List of Unclassifed Man...
PC29070100A ETC2-PC29070100A Datasheet
892Kb / 13P
   GSM 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
FW90SMAM ETC2-FW90SMAM Datasheet
493Kb / 12P
   Penta-band Cellular 2G/3G GSM/CDMA/UMTS Flexible Whip Monopole Antenna 850/900/1800/1900/2100 MHz
FW91TNCM ETC2-FW91TNCM Datasheet
454Kb / 12P
   Penta-band cellular 2G/3G GSM/CDMA/UMTS Flexible Whip Monopole Antenna 850/900/1800/1900/2100 MHz
FW92RNTM ETC2-FW92RNTM Datasheet
703Kb / 13P
   Penta-band cellular 2G/3G GSM/CDMA/UMTS Flexible Whip Monopole Antenna 850/900/1800/1900/2100 MHz
PC29090100A ETC2-PC29090100A Datasheet
917Kb / 13P
   Cellular 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
logo
Taoglas antenna solutio...
PC27.07.0100A TAOGLAS-PC27.07.0100A_18 Datasheet
569Kb / 11P
   TheStripe??850 / 900 / 1800 / 1900 MHz GSM PCB Antenna
logo
List of Unclassifed Man...
G21B301111 ETC2-G21B301111 Datasheet
2Mb / 22P
   G21 GSM Hercules Gen.II Penta Band Cellular Antenna Screw-mount GSM/GPRS/CDMA/EVDO/UMTS/HSPA/WCDMA 850/900/1800/1900/2100 MHz
logo
Taoglas antenna solutio...
FXP14RA070100A TAOGLAS-FXP14RA070100A Datasheet
428Kb / 9P
   FXP14 Hexa-Band Cellular Antenna 850/900/1700/1900/2100 MHz GSM/GPRS/CDMA/HSPA/UMTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com