Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57FE-20500-2A Datasheet(PDF) 3 Page - DDK Ltd.

Part # 57FE-20500-2A
Description  Shielded IDC Flat Cable Connector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57FE-20500-2A Datasheet(HTML) 3 Page - DDK Ltd.

  57FE-20500-2A Datasheet HTML 1Page - DDK Ltd. 57FE-20500-2A Datasheet HTML 2Page - DDK Ltd. 57FE-20500-2A Datasheet HTML 3Page - DDK Ltd. 57FE-20500-2A Datasheet HTML 4Page - DDK Ltd. 57FE-20500-2A Datasheet HTML 5Page - DDK Ltd. 57FE-20500-2A Datasheet HTML 6Page - DDK Ltd. 57FE-20500-2A Datasheet HTML 7Page - DDK Ltd. 57FE-20500-2A Datasheet HTML 8Page - DDK Ltd. 57FE-20500-2A Datasheet HTML 9Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Unit:mm
57FE Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
○ Receptacle for Rack and Panel
3
57FE-20360-20S
Strain Relief
No digit:No Strain Relief
  S :With Plastic Strain Relief
● Rear Mounting Type
Number of
Contact
A
B
C
D
E
G
14
44.00
36.00
25.4
12.954 16.51
23.2
24
54.78
46.78
36.2
23.749 29.21
36.3
36
67.74
59.74
49.0
36.703 44.45
51.5
50
82.85
74.85
64.2
51.816 62.23
68.5
Number of
Contact
B
D
F
14
36.00
3.2
29.3
24
46.78
3.2
40.1
36
59.74
3.2
53.0
50
74.85
3.2
68.2
■ Panel Mounting Dimensions
B
A
D
E
1.27
2.159
C
2-φ3.1 min.
4-R5.0 max.
2-φD±0.1Hole
F
15°±1
+0.2
±0.2
0
No.1 Contact
No.n/2 Contact
No.n/2 +1 Contact
No.n Contact
G
G
57F-XX
57F-XX
Close-ended Cover
Open-ended Cover
B
A
D
E
1.27
2.159
C
2-φ3.1 min.
4-R5.0 max.
2-φD±0.1Hole
F
15°±1
+0.2
±0.2
0
No.1 Contact
No.n/2 Contact
No.n/2 +1 Contact
No.n Contact
G
G
57F-XX
57F-XX
Close-ended Cover
Open-ended Cover
B
A
D
E
1.27
2.159
C
2-φ3.1 min.
4-R5.0 max.
2-φD±0.1Hole
F
15°±1
+0.2
±0.2
0
No.1 Contact
No.n/2 Contact
No.n/2 +1 Contact
No.n Contact
G
G
57F-XX
57F-XX
Close-ended Cover
Open-ended Cover
57F-xx
A
G
G
57F-XX
57F-XX
Close-ended Cover
Open-ended Cover
57F-XX
57F-XX
J
H
Plastic Strain Relief
57F-14-041
Number of
Contact
14, 24,
36, 50
Number of
Contact
H
J
14
25.10
-
24
38.20
-
36
53.40
51.7
50
70.40
68.7
Number of Contact
14, 24, 36, 50
Contact Plating
2:Au0.4 μmover Ni Plating
Cover Style
0:Open-ended Cover, Blue
A:Close-ended Cover, Blue
*:When the mating connector is 57FE-10 type, the size is 16.2+0.2 .
0
0


Similar Part No. - 57FE-20500-2A

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57FE-20500-2AK DDK-57FE-20500-2AK Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
57FE-20500-2AKD35-CG DDK-57FE-20500-2AKD35-CG Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
57FE-20500-2AS DDK-57FE-20500-2AS Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
57FE-20500-2ASD35-CG DDK-57FE-20500-2ASD35-CG Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
More results

Similar Description - 57FE-20500-2A

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2FCS-XX-SG ADAM-TECH-2FCS-XX-SG Datasheet
81Kb / 1P
   FLAT CABLE IDC SOCKET
FCS-XX-SG ADAM-TECH-FCS-XX-SG Datasheet
96Kb / 1P
   FLAT CABLE IDC SOCKET
FCS-D2-XX-SG-N-30 ADAM-TECH-FCS-D2-XX-SG-N-30 Datasheet
102Kb / 1P
   FLAT CABLE IDC SOCKET
2FCS-XX-SG-PB ADAM-TECH-2FCS-XX-SG-PB Datasheet
80Kb / 1P
   FLAT CABLE IDC SOCKET
FCS-D2-XX-SG ADAM-TECH-FCS-D2-XX-SG Datasheet
105Kb / 1P
   FLAT CABLE IDC SOCKET
FCS-XX-SG-GY ADAM-TECH-FCS-XX-SG-GY Datasheet
86Kb / 1P
   FLAT CABLE IDC SOCKET
logo
FCI connector
865709S065TLF FCI-CONNECTOR-865709S065TLF Datasheet
115Kb / 1P
   FEMALE IDC CONNECTOR FOR FLAT CABLE
logo
Adam Technologies, Inc.
SCA68SFSG ADAM-TECH-SCA68SFSG Datasheet
119Kb / 1P
   SCA CONNECTOR IDC FLAT CABLE TERMINATION
SCA-68-PF-SG ADAM-TECH-SCA-68-PF-SG Datasheet
123Kb / 1P
   SCA CONNECTOR IDC FLAT CABLE TERMINATION
DXXX-SF-M-2 ADAM-TECH-DXXX-SF-M-2 Datasheet
116Kb / 1P
   IDC FLAT CABLE D-SUB SOCKET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com