Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD29026A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HD29026A
Description  Dual CCD Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29026A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HD29026A Datasheet HTML 1Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 7Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 8Page - List of Unclassifed Manufacturers HD29026A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Switching Characteristics (Ta = 25 C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
HD29026A
t
PHL
16
20
ns
C
L = 1000 pF VCC = 8 V
11
15
V
CC = 12 V
HD29027
10
15
V
CC = 6 V
HD29028
10
15
V
CC = 9 V
813
V
CC = 12 V
HD29026A
t
PLH
18
25
ns
C
L = 1000 pF VCC = 8 V
13
20
V
CC = 12 V
HD29027
10
15
V
CC = 6 V
HD29028
10
15
V
CC = 9 V
813
V
CC = 12 V
HD29026A
t
THL
17
21
ns
C
L = 250 pF
V
CC = 8 V
12
16
V
CC = 12 V
HD29027
9
14
V
CC = 6 V
HD29028
9
13
V
CC = 9 V
714
V
CC = 12 V
HD29026A
20
23
C
L = 500 pF
V
CC = 8 V
15
18
V
CC = 12 V
HD29027
12
17
V
CC = 6 V
HD29028
12
17
V
CC = 9 V
10
15
V
CC = 12 V
HD29026A
25
40
C
L = 1000 pF VCC = 8 V
20
35
V
CC = 12 V
HD29027
20
25
V
CC = 6 V
HD29028
20
25
V
CC = 9 V
18
23
V
CC = 12 V
HD29026A
t
TLH
15
20
ns
C
L = 250 pF
V
CC = 8 V
10
15
V
CC = 12 V
HD29027
9
14
V
CC = 6 V
HD29028
9
14
V
CC = 9 V
712
V
CC = 12 V
HD29026A
21
25
C
L = 500 pF
V
CC = 8 V
16
20
V
CC = 12 V
HD29027
12
17
V
CC = 6 V
HD29028
12
17
V
CC = 9 V
10
15
V
CC = 12 V
HD29026A
22
30
C
L = 1000 pF VCC = 8 V
17
25
V
CC = 12 V
HD29027
20
25
V
CC = 6 V
HD29028
20
25
V
CC = 9 V
18
23
V
CC = 12 V
Fall propagation
Rise propagation
Fall (transition)
Rise (transition)


Similar Part No. - HD29026A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD29026A RENESAS-HD29026A Datasheet
235Kb / 18P
   Dual CCD Drivers
logo
Hitachi Semiconductor
HD29026A HITACHI-HD29026A Datasheet
72Kb / 16P
   Dual CCD Drivers
logo
Renesas Technology Corp
HD29026A RENESAS-HD29026A Datasheet
115Kb / 12P
   Dual CCD Drivers
logo
Hitachi Semiconductor
HD29026AFP HITACHI-HD29026AFP Datasheet
72Kb / 16P
   Dual CCD Drivers
logo
Renesas Technology Corp
HD29026AFPEL RENESAS-HD29026AFPEL Datasheet
115Kb / 12P
   Dual CCD Drivers
More results

Similar Description - HD29026A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD29026A RENESAS-HD29026A Datasheet
115Kb / 12P
   Dual CCD Drivers
logo
List of Unclassifed Man...
HD29029 ETC-HD29029 Datasheet
21Kb / 5P
   Dual CCD Drivers
logo
Renesas Technology Corp
J205001_HD29026A RENESAS-J205001_HD29026A Datasheet
235Kb / 18P
   Dual CCD Drivers
HD29029 RENESAS-HD29029 Datasheet
87Kb / 7P
   Dual CCD Drivers
logo
Hitachi Semiconductor
HD29026A HITACHI-HD29026A Datasheet
72Kb / 16P
   Dual CCD Drivers
logo
Toshiba Semiconductor
TB62802F TOSHIBA-TB62802F Datasheet
261Kb / 19P
   CCD Clock Drivers
TB62802FG TOSHIBA-TB62802FG Datasheet
262Kb / 20P
   CCD Clock Drivers
logo
Texas Instruments
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55110A TI-SN55110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com