Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA17431UA Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HA17431UA
Description  High-Precision Variable Shunt Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17431UA Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HA17431UA Datasheet HTML 3Page - Hitachi Semiconductor HA17431UA Datasheet HTML 4Page - Hitachi Semiconductor HA17431UA Datasheet HTML 5Page - Hitachi Semiconductor HA17431UA Datasheet HTML 6Page - Hitachi Semiconductor HA17431UA Datasheet HTML 7Page - Hitachi Semiconductor HA17431UA Datasheet HTML 8Page - Hitachi Semiconductor HA17431UA Datasheet HTML 9Page - Hitachi Semiconductor HA17431UA Datasheet HTML 10Page - Hitachi Semiconductor HA17431UA Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HA17L431 Series
9
Shunt Regulator Selection Guide
Package
Vref/Tolerance
I
K max (mA)
V
K max (V)
Topr (
°C)
Product Name
TO-92
2.5 V
± 2.2%
–100 to 150
40
–20 to 85
HA17431PNA
2.5 V
± 1.0%
–50 to 50
16
–20 to 85
HA17431VP
1.24 V
± 1.5%
–30 to 50
16
–20 to 85
HA17L431P
TO-92MOD
2.5 V
± 2.2%
–100 to 150
40
–20 to 85
HA17431PA
UPAK
2.5 V
± 2.2%
–100 to 150
40
–20 to 85
HA17431UA
2.5 V
± 2.2%
–100 to 150
40
–20 to 85
HA17431UPA
1.24 V
± 1.5%
–30 to 50
16
–20 to 85
HA17L431UP
2.5 V
± 2.2%
–100 to 150
40
–20 to 85
HA17432UA
2.5 V
± 2.2%
–100 to 150
40
–20 to 85
HA17432UPA
1.24 V
± 1.5%
–30 to 50
16
–20 to 85
HA17L432UP
MPAK-5
2.5 V
± 1.0%
–50 to 50
16
–20 to 85
HA17431VLP
1.24 V
± 1.5%
–30 to 50
16
–20 to 85
HA17L431LP
SOP-8
2.5 V
± 2.2%
–100 to 150
40
–20 to 85
HA17431FPA


Similar Part No. - HA17431UA

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17431UA HITACHI-HA17431UA Datasheet
236Kb / 26P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
HA17431UA HITACHI-HA17431UA Datasheet
88Kb / 13P
   High-Precision Variable Shunt Regulators
logo
Renesas Technology Corp
HA17431UA RENESAS-HA17431UA Datasheet
246Kb / 20P
   Shunt Regulato
More results

Similar Description - HA17431UA

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17L431ALP HITACHI-HA17L431ALP Datasheet
88Kb / 13P
   High-Precision Variable Shunt Regulators
logo
Sanyo Semicon Device
L5431 SANYO-L5431 Datasheet
66Kb / 3P
   High-Precision Variable Shunt Voltage Regulator
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com