Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57FE-20240-20S Datasheet(PDF) 2 Page - DDK Ltd.

Part # 57FE-20240-20S
Description  Shielded IDC Flat Cable Connector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57FE-20240-20S Datasheet(HTML) 2 Page - DDK Ltd.

  57FE-20240-20S Datasheet HTML 1Page - DDK Ltd. 57FE-20240-20S Datasheet HTML 2Page - DDK Ltd. 57FE-20240-20S Datasheet HTML 3Page - DDK Ltd. 57FE-20240-20S Datasheet HTML 4Page - DDK Ltd. 57FE-20240-20S Datasheet HTML 5Page - DDK Ltd. 57FE-20240-20S Datasheet HTML 6Page - DDK Ltd. 57FE-20240-20S Datasheet HTML 7Page - DDK Ltd. 57FE-20240-20S Datasheet HTML 8Page - DDK Ltd. 57FE-20240-20S Datasheet HTML 9Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Unit:mm
57FE Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
2
Plug for Rack and Panel
57FE-10360-20
Cover Style
0:Open-ended Cover, Blue
A:Close-ended Cover, Blue(for 24 and 36pin only)
Contact Plating
2:Au0.4 μmover Ni Plating
Number of Contact
24, 36, 50
● Front Mounting Type
● Rear Mounting Type
Number of
Contact
A
B
C
D
E
G
24
54.78
46.78
39.4
23.749
29.21
36.3
36
67.74
59.74
52.2
36.703
44.45
51.5
50
82.85
74.85
67.4
51.816
62.23
68.5
Number
of
Contact
B
H
F
with Strain
Relief
without Strain
Relief
24
46.78
36.8
38.7
40.1
36
59.74
52.0
53.9
53.0
50
74.85
69.0
70.9
68.2
1.27
E
2.159
No.1 Contact
No.n/2 Contact
No.n/2 +1 Contact
No.n Contact
2-φ3.2Hole
D
C
B
A
4-R5.0 max.
4-R4.0 max.
2-φ3.2±0.1Hole
2-φ3.3±0.1Hole
F
15°±1
+0.2
±0.2
0
H
B±0.2
+0.2
0
57F-xx
A
G
G
57F-XX
57F-XX
Close-ended Cover
Open-ended Cover
57F-XX
57F-XX
J
H
1.27
E
2.159
No.1 Contact
No.n/2 Contact
No.n/2 +1 Contact
No.n Contact
2-φ3.2Hole
D
C
B
A
4-R5.0 max.
4-R4.0 max.
2-φ3.2±0.1Hole
2-φ3.3±0.1Hole
F
15°±1
+0.2
±0.2
0
H
B±0.2
+0.2
0
FE:Shield Type
■ Panel Mounting Dimensions


Similar Part No. - 57FE-20240-20S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57FE-20240-2AK DDK-57FE-20240-2AK Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
57FE-20240-2AKD35-CG DDK-57FE-20240-2AKD35-CG Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
57FE-20240-2AS DDK-57FE-20240-2AS Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
57FE-20240-2ASD35-CG DDK-57FE-20240-2ASD35-CG Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
57FE-20240-2OK DDK-57FE-20240-2OK Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
More results

Similar Description - 57FE-20240-20S

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2FCS-XX-SG ADAM-TECH-2FCS-XX-SG Datasheet
81Kb / 1P
   FLAT CABLE IDC SOCKET
FCS-XX-SG ADAM-TECH-FCS-XX-SG Datasheet
96Kb / 1P
   FLAT CABLE IDC SOCKET
FCS-D2-XX-SG-N-30 ADAM-TECH-FCS-D2-XX-SG-N-30 Datasheet
102Kb / 1P
   FLAT CABLE IDC SOCKET
2FCS-XX-SG-PB ADAM-TECH-2FCS-XX-SG-PB Datasheet
80Kb / 1P
   FLAT CABLE IDC SOCKET
FCS-D2-XX-SG ADAM-TECH-FCS-D2-XX-SG Datasheet
105Kb / 1P
   FLAT CABLE IDC SOCKET
FCS-XX-SG-GY ADAM-TECH-FCS-XX-SG-GY Datasheet
86Kb / 1P
   FLAT CABLE IDC SOCKET
logo
FCI connector
865709S065TLF FCI-CONNECTOR-865709S065TLF Datasheet
115Kb / 1P
   FEMALE IDC CONNECTOR FOR FLAT CABLE
logo
Adam Technologies, Inc.
SCA68SFSG ADAM-TECH-SCA68SFSG Datasheet
119Kb / 1P
   SCA CONNECTOR IDC FLAT CABLE TERMINATION
SCA-68-PF-SG ADAM-TECH-SCA-68-PF-SG Datasheet
123Kb / 1P
   SCA CONNECTOR IDC FLAT CABLE TERMINATION
DXXX-SF-M-2 ADAM-TECH-DXXX-SF-M-2 Datasheet
116Kb / 1P
   IDC FLAT CABLE D-SUB SOCKET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com