Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ7.0 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMBJ7.0
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMBJ7.0 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMBJ7.0 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ7.0 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ7.0 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ7.0 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Uni
Bi
Min (V) Max (V) IT (mA)
SMBJ5.0
SMBJ5.0C
KD
AD
6.40
7.30
10
800
5.0
62.50
9.6
SMBJ5.0A
SMBJ5.0CA
KE
AE
6.40
7.00
10
800
5.0
65.22
9.2
SMBJ6.0
SMBJ6.0C
KF
AF
6.67
8.15
10
800
6.0
52.63
11.4
SMBJ6.0A
SMBJ6.0CA
KG
AG
6.67
7.37
10
800
6.0
58.25
10.3
SMBJ6.5
SMBJ6.5C
KH
AH
7.22
8.82
10
500
6.5
48.78
12.3
SMBJ6.5A
SMBJ6.5CA
KK
AK
7.22
7.98
10
500
6.5
53.57
11.2
SMBJ7.0
SMBJ7.0C
KL
AL
7.78
9.51
10
200
7.0
45.11
13.3
SMBJ7.0A
SMBJ7.0CA
KM AM
7.78
8.60
10
200
7.0
50.00
12.0
SMBJ7.5
SMBJ7.5C
KN
AN
8.33
10.20
1
100
7.5
41.96
14.3
SMBJ7.5A
SMBJ7.5CA
KP
AP
8.33
9.21
1
100
7.5
46.51
12.9
SMBJ8.0
SMBJ8.0C
KQ
AQ
8.89
10.90
1
50
8.0
40.00
15.0
SMBJ8.0A
SMBJ8.0CA
KR
AR
8.89
9.83
1
50
8.0
44.12
13.6
SMBJ8.5
SMBJ8.5C
KS
AS
9.44
11.50
1
10
8.5
37.74
15.9
SMBJ8.5A
SMBJ8.5CA
KT
AT
9.44
10.40
1
10
8.5
41.67
14.4
SMBJ9.0
SMBJ9.0C
KU
AU
10.00
12.20
1
5
9.0
35.50
16.9
SMBJ9.0A
SMBJ9.0CA
KV
AV
10.00
11.10
1
5
9.0
38.96
15.4
SMBJ10
SMBJ10C
KW AW
11.10
13.60
1
5
10.0
31.91
18.8
SMBJ10A
SMBJ10CA
KX
AX
11.10
12.30
1
5
10.0
35.29
17.0
SMBJ11
SMBJ11C
KY
AY
12.20
14.90
1
1
11.0
29.85
20.1
SMBJ11A
SMBJ11CA
KZ
AZ
12.20
13.50
1
1
11.0
32.97
18.2
SMBJ12
SMBJ12C
LD
BD
13.30
16.30
1
1
12.0
27.27
22.0
SMBJ12A
SMBJ12CA
LE
BE
13.30
14.70
1
1
12.0
30.15
19.9
SMBJ13
SMBJ13C
LF
BF
14.40
17.60
1
1
13.0
25.21
23.8
SMBJ13A
SMBJ13CA
LG
BG
14.40
15.90
1
1
13.0
27.91
21.5
SMBJ14
SMBJ14C
LH
BH
15.60
19.10
1
1
14.0
23.26
25.8
SMBJ14A
SMBJ14CA
LK
BK
15.60
17.20
1
1
14.0
25.86
23.2
SMBJ15
SMBJ15C
LL
BL
16.70
20.40
1
1
15.0
22.30
26.9
SMBJ15A
SMBJ15CA
LM
BM
16.70
18.50
1
1
15.0
24.59
24.4
SMBJ16
SMBJ16C
LN
BN
17.80
21.80
1
1
16.0
20.83
28.8
SMBJ16A
SMBJ16CA
LP
BP
17.80
19.70
1
1
16.0
23.08
26.0
SMBJ17
SMBJ17C
LQ
BQ
18.90
23.10
1
1
17.0
19.67
30.5
SMBJ17A
SMBJ17CA
LR
BR
18.90
20.90
1
1
17.0
21.74
27.6
SMBJ18
SMBJ18C
LS
BS
20.00
24.40
1
1
18.0
18.63
32.2
SMBJ18A
SMBJ18CA
LT
BT
20.00
22.10
1
1
18.0
20.55
29.2
SMBJ19
SMBJ19C
LA
BA
21.13
25.76
1
1
19.0
17.64
34.0
SMBJ19A
SMBJ19CA
LB
BB
21.10
23.30
1
1
19.0
19.49
30.8
SMBJ20
SMBJ20C
LU
BU
22.20
27.10
1
1
20.0
16.76
35.8
SMBJ20A
SMBJ20CA
LV
BV
22.20
24.50
1
1
20.0
18.52
32.4
SMBJ22
SMBJ22C
LW BW
24.40
29.80
1
1
22.0
15.23
39.4
SMBJ22A
SMBJ22CA
LX
BX
24.40
26.90
1
1
22.0
16.90
35.5
SMBJ24
SMBJ24C
LY
BY
26.70
32.60
1
1
24.0
13.95
43.0
SMBJ24A
SMBJ24CA
LZ
BZ
26.70
29.50
1
1
24.0
15.42
38.9
SMBJ26
SMBJ26C
MD
CD
28.90
35.30
1
1
26.0
12.88
46.6
SMBJ26A
SMBJ26CA
ME
CE
28.90
31.90
1
1
26.0
14.25
42.1
SMBJ28
SMBJ28C
MF
CF
31.10
38.00
1
1
28.0
12.00
50.0
SMBJ28A
SMBJ28CA
MG
CG
31.10
34.40
1
1
28.0
13.22
45.4
SMBJ30
SMBJ30C
MH
CH
33.30
40.70
1
1
30.0
11.21
53.5
SMBJ30A
SMBJ30CA
MK
CK
33.30
36.80
1
1
30.0
12.40
48.4
SMBJ33
SMBJ33C
ML
CL
36.70
44.90
1
1
33.0
10.17
59.0
SMBJ33A
SMBJ33CA
MM CM
36.70
40.60
1
1
33.0
11.26
53.3
SMBJ36
SMBJ36C
MN
CN
40.00
48.90
1
1
36.0
9.33
64.3
SMBJ36A
SMBJ36CA
MP
CP
40.00
44.20
1
1
36.0
10.33
58.1
Note:
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics(TA=25 unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Device
Marking
Code
Breakdown Voltage VBR @IT
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Maximum
Clamping
Voltage VC
@IPP
(V)
Maximum
Reverse
Surge
Current IPP
(A)
SMBJ Series
Transient Voltage Suppressors
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70301-P1


Similar Part No. - SMBJ7.0

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ7.0 SOCAY-SMBJ7.0 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMBJ7.0 JGD-SMBJ7.0 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ7.0 MICROSEMI-SMBJ7.0 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Galaxy Semi-Conductor H...
SMBJ7.0 BILIN-SMBJ7.0 Datasheet
118Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Jiangsu High diode Semi...
SMBJ7.0 HDSEMI-SMBJ7.0 Datasheet
1Mb / 7P
   SMB Plastic-Encapsulate Diodes
More results

Similar Description - SMBJ7.0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com