Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMAFJ13A Datasheet(PDF) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # P4SMAFJ13A
Description  Surface mount transient voltage suppressor power 400 watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

P4SMAFJ13A Datasheet(HTML) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  P4SMAFJ13A Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P4SMAFJ13A Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P4SMAFJ13A Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P4SMAFJ13A Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P4SMAFJ13A Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig.1 Peak Pulse Power Rating Curve
1
0.1
0.1
1.0
10
100
10
100
1000
10000
20
40
60
80
100
0
25
50
75
100
125
150
175
Fig.2 Forward Current Derating Curve
Fig.4 Maximum Non-Repetitive Peak
Forward Surge Current
10
100
1
0
10
20
30
50
40
60
t ,PULSE WIDTH ,us
d
Number of Cycles at 60Hz
T ,AMBIENT TEMPERATURE,
A
°C
20
40
60
80
100
0
Fig.3 Pulse Waveform
0
1.0
2.0
3.0
4.0
120
T,TIME,ms
Non-Repetive Pulse.Wavefom
Shown in Figure.3
T =25
A
°C
Mounted on 5.0mm
Copper Land Areas
Peak Value
Ippm
Half Value-Ipp/2
10/1000usec Waveform as Defined bye R.E.A.
Pulse
Width (td) is Defined
as the Point where the Peak.
Current Decayst to 50% of Ipp
TA=25
°C
t =10usec
f
TJ=TJmax
8.3ms Single Half Sinepwave
JEDEC Method
P4SMAFJ Series
www.yfwdiode.com


Similar Part No. - P4SMAFJ13A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAFJ13A PANJIT-P4SMAFJ13A Datasheet
481Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
logo
DONGGUAN YOU FENG WEI E...
P4SMAFJ13A YFWDIODE-P4SMAFJ13A Datasheet
127Kb / 3P
   Surface mounttransient voltage suppressor power 400 watts
logo
Xian Semipower Electron...
P4SMAFJ13A SEMIPOWER-P4SMAFJ13A Datasheet
172Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
Microdiode Electronics ...
P4SMAFJ13A CHENDA-P4SMAFJ13A Datasheet
1Mb / 3P
   8.5-170 Volts Peak pulse power: 400 Watts
logo
SUNMATE electronic Co.,...
P4SMAFJ13A SUNMATE-P4SMAFJ13A Datasheet
741Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - P4SMAFJ13A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P4SMAJ-220V-SMA YFWDIODE-P4SMAJ-220V-SMA Datasheet
715Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
P4SMAFJ5.0A YFWDIODE-P4SMAFJ5.0A Datasheet
669Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
SHIKUES Electronics
SMAFJ SKTECHNOLGY-SMAFJ Datasheet
669Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
SMAJ SKTECHNOLGY-SMAJ Datasheet
401Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Pan Jit International I...
P4SMAFJ PANJIT-P4SMAFJ Datasheet
481Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
P4SMA_SERIES PANJIT-P4SMA_SERIES_14 Datasheet
214Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
logo
Xian Semipower Electron...
P4SMAFJ SEMIPOWER-P4SMAFJ Datasheet
172Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
Guangdong Juxing Electr...
P4SMAFJ JUXING-P4SMAFJ Datasheet
1Mb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
DONGGUAN YOU FENG WEI E...
SMAJ5.0A YFWDIODE-SMAJ5.0A_V01 Datasheet
565Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
SMAJ6.8A YFWDIODE-SMAJ6.8A Datasheet
510Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com