Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-9730 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HEDS-9730
Description  2 CHANNEL ENCODER MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-9730 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HEDS-9730 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-9730 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-9730 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-9730 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-9730 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-9730 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-9730 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDS-9730 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HEDS-9730 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
1
2
3
6
7
8
9
7
7− 29
HEDS-5120 ロータリエンコーダ用コードホイール
HEDS - 5120
#
(コードホイール)
分解能オプション
E -200CPR(11mm 半径)
H -400CPR
A -500CPR
シャフト直径
01 -2mm
14 -5mm
02 -3mm
12 -6mm
11 -4mm
モジュール本体
の分解能オプ
ションと同じも
のを組み合わせ
て下さい。
詳細は HEDS-5120 シリーズのデータシートをご参照下さい。
単位は mm
図1.HEDS-5120コードホイール
可能なオプション対応表
#
0102 1112 13 14
E
HEDS-5120
H
●●
A
●●
7章(PDF)
01.5.24, 5:33 PM
Page 29
Adobe PageMaker 6.0J/PPC


Similar Part No. - HEDS-9730

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9730 AVAGO-HEDS-9730 Datasheet
213Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9730 AVAGO-HEDS-9730 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9730 AVAGO-HEDS-9730 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9730 AVAGO-HEDS-9730 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
HEDS-9730-350 AVAGO-HEDS-9730-350 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
More results

Similar Description - HEDS-9730

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS9200 HP-HEDS9200 Datasheet
798Kb / 7P
   2 CHANNEL ENCODER MODULE
logo
NHP Electrical Engineer...
1794-ID2 NHP-1794-ID2 Datasheet
506Kb / 1P
   FLEX I/O 2 CHANNEL INCREMENTAL ENCODER MODULE
7 June 2023,
1769-HSC NHP-1769-HSC Datasheet
487Kb / 1P
   COMPACTLOGIX 2/4 CHANNEL HIGH SPEED ENCODER/COUNTER MODULE
8 June 2023,
logo
Advantech Co., Ltd.
AMAX-5080 ADVANTECH-AMAX-5080 Datasheet
529Kb / 1P
   2-ch Counter/Encoder Input Module
22-Dec-2021
logo
Synaptics Incorporated.
CX23416 CONEXANT-CX23416 Datasheet
837Kb / 2P
   MPEG-2 Encoder
logo
List of Unclassifed Man...
M1EA-S ETC1-M1EA-S Datasheet
50Kb / 6P
   2 STATES ENCODER
logo
Sony Corporation
CXD1922Q SONY-CXD1922Q Datasheet
38Kb / 4P
   MPEG-2 Video Encoder
logo
List of Unclassifed Man...
SD7017 ETC1-SD7017 Datasheet
1Mb / 7P
   2-STATE ENCODER / DECODER
logo
ELAN Microelectronics C...
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
logo
Schneider Electric
TM5SE1MISC20005 SCHNEIDER-TM5SE1MISC20005 Datasheet
96Kb / 2P
   counter module - encoder emulation channel (A/B) - 4 MHz
Apr 6, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com