Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25600D Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25600D
Description  I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25600D Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ25600D Datasheet HTML 2Page - Texas Instruments BQ25600D Datasheet HTML 3Page - Texas Instruments BQ25600D Datasheet HTML 4Page - Texas Instruments BQ25600D Datasheet HTML 5Page - Texas Instruments BQ25600D Datasheet HTML 6Page - Texas Instruments BQ25600D Datasheet HTML 7Page - Texas Instruments BQ25600D Datasheet HTML 8Page - Texas Instruments BQ25600D Datasheet HTML 9Page - Texas Instruments BQ25600D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
6
bq25600, bq25600D
SLUSCJ4 – JUNE 2017
www.ti.com
Product Folder Links: bq25600 bq25600D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
Pin
TYPE(1)
DESCRIPTION
NAME
bq25600
bq25600D
WCSP
WCSP
Thermal Pad
P
Ground reference for the device that is also the thermal pad used to conduct heat from
the device. This connection serves two purposes. The first purpose is to provide an
electrical ground connection for the device. The second purpose is to provide a low
thermal-impedance path from the device die to the PCB. This pad should be tied
externally to a ground plane.
TS
D3
D3
AI
Temperature qualification voltage input to support JEITA profile. Connect a negative
temperature coefficient thermistor. Program temperature window with a resistor divider
from REGN to TS to GND. Charge suspends when TS pin voltage is out of range.
When TS pin is not used, connect a 10-kΩ resistor from REGN to TS and a 10-kΩ
resistor from TS to GND. It is recommended to use a 103AT-2 thermistor.
VAC
A5
A5
AI
Input voltage sensing. When VAC voltage is below ACOV threshold (REG06[6:5]) and
above UVLO, external OVPFET turns on.
VBUS
A4
A4
P
Charger input voltage. The internal n-channel reverse block MOSFET (RBFET) is
connected between VBUS and PMID with VBUS on source. Place a 1-uF ceramic
capacitor from VBUS to GND and place it as close as possible to IC.
B4
B4


Similar Part No. - BQ25600D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25600C TI1-BQ25600C Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFR TI1-BQ25600CYFFR Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFT TI1-BQ25600CYFFT Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
More results

Similar Description - BQ25600D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25601 TI1-BQ25601 Datasheet
1Mb / 60P
[Old version datasheet]   I2C Controlled 3-A, Single-Cell Battery Charger for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25601D TI1-BQ25601D Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3-A Single-Cell Battery Charger With USB Charger Detection for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
logo
Monolithic Power System...
MP2617H MPS-MP2617H Datasheet
1Mb / 31P
   Wide input Voltage, 3A, Switching Charger With NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ25628E TI1-BQ25628E Datasheet
2Mb / 75P
[Old version datasheet]   BQ25628E I2C Controlled 1-Cell, 2-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
BQ25622E TI1-BQ25622E Datasheet
2Mb / 76P
[Old version datasheet]   BQ25622E I2C Controlled 1-Cell, 3-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
logo
Monolithic Power System...
MP2625B MPS-MP2625B Datasheet
1Mb / 31P
   2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
   3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625 MPS-MP2625 Datasheet
1Mb / 28P
   2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
   3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ24297 TI-BQ24297_15 Datasheet
1Mb / 55P
[Old version datasheet]   bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com