Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25600YFFT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25600YFFT
Description  I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25600YFFT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ25600YFFT Datasheet HTML 5Page - Texas Instruments BQ25600YFFT Datasheet HTML 6Page - Texas Instruments BQ25600YFFT Datasheet HTML 7Page - Texas Instruments BQ25600YFFT Datasheet HTML 8Page - Texas Instruments BQ25600YFFT Datasheet HTML 9Page - Texas Instruments BQ25600YFFT Datasheet HTML 10Page - Texas Instruments BQ25600YFFT Datasheet HTML 11Page - Texas Instruments BQ25600YFFT Datasheet HTML 12Page - Texas Instruments BQ25600YFFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
9
bq25600, bq25600D
www.ti.com
SLUSCJ4 – JUNE 2017
Product Folder Links: bq25600 bq25600D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
VVAC_UVLOZ < VVAC < VVAC_OV and VVAC > VBAT + VSLEEP, TJ = –40°C to 125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VVAC_OV_RISE
VAC 6.5-V Overvoltage rising
threshold
VAC rising; OVP (REG06[7:6]) = '01'
6.1
6.42
6.75
V
VVAC_OV_RISE
VAC 10.5-V Overvoltage rising
threshold
VAC rising, OVP (REG06[7:6]) = '10'
10.35
11
11.5
V
VVAC_OV_RISE
VAC 14-V Overvoltage rising
threshold
VAC rising, OVP (REG06[7:6]) = '11'
13.5
14.2
15
V
VVAC_OV_HYS
VAC 6.5-V Overvoltage hysteresis
VAC falling, OVP (REG06[7:6]) =
'01'
130
mV
VVAC_OV_HYS
VAC 10.5-V Overvoltage hysteresis
VAC falling, OVP (REG06[7:6]) =
'10'
250
mV
VVAC_OV_HYS
VAC 14-V Overvoltage hysteresis
VAC falling, OVP (REG06[7:6]) =
'11'
300
mV
VBAT_UVLOZ
BAT for active I2C, no adapter
VBAT rising
2.5
V
VBAT_DPL_FALL
Battery Depletion Threshold
VBAT falling
2.18
2.62
V
VBAT_DPL_RISE
Battery Depletion Threshold
VBAT rising
2.34
2.86
V
VBAT_DPL_HYST
Battery Depletion rising hysteresis
VBAT rising
180
mV
VBUSMIN_FALL
Bad adapter detection falling
threshold
VBUS falling
3.68
3.8
3.9
V
VBUSMIN_HYST
Bad adapter detection hysteresis
180
mV
IBADSRC
Bad adapter detection current
source
Sink current from VBUS to GND
30
mA
POWER-PATH
VSYS_MIN
System regulation voltage
VVBAT < SYS_MIN[2:0] = 101,
BATFET Disabled (REG07[5] = 1)
3.5
3.68
V
VSYS
System Regulation Voltage
ISYS = 0 A, VVBAT > VSYSMIN, VVBAT
= 4.400 V, BATFET disabled
(REG07[5] = 1)
VBAT +
50 mV
V
VSYS_MAX
Maximum DC system voltage output
ISYS = 0 A, , Q4 off, VVBAT≤ 4.400 V,
VVBAT > VSYSMIN = 3.5V
4.4
4.45
4.48
V
RON(RBFET)
Top reverse blocking MOSFET on-
resistance between VBUS and PMID
- Q1
-40°C
≤ TA ≤ 125°C
35
RON(HSFET)
Top switching MOSFET on-
resistance between PMID and SW -
Q2
VREGN = 5 V , -40°C≤ TA ≤ 125°C
55
RON(LSFET)
Bottom switching MOSFET on-
resistance between SW and GND -
Q3
VREGN = 5 V , -40°C≤ TA ≤ 125°C
60
VFWD
BATFET forward voltage in
supplement mode
30
mV
RON(BAT-SYS)
SYS-BAT MOSFET on-resistance
QFN package, Measured from BAT
to SYS, VBAT = 4.2V, TJ = –40 -
125°C
19.5
BATTERY CHARGER
VBATREG_RANGE
Charge voltage program range
3.856
4.624
V
VBATREG_STEP
Charge voltage step
32
mV
VBATREG
Charge voltage setting
VREG (REG04[7:3]) = 4.208 V
(01011), V, –40
≤ TJ ≤ 85°C
4.187
4.208
4.229
V
VREG (REG04[7:3]) = 4.352 V
(01111), V, –40
≤ TJ ≤ 85°C
4.330
4.352
4.374
V
VBATREG_ACC
Charge voltage setting accuracy
VBAT = 4.208 V or VBAT = 4.352 V,
–40
≤ TJ ≤ 85°C
–0.5%
0.5%
ICHG_REG_RANGE
Charge current regulation range
0
3000
mA


Similar Part No. - BQ25600YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25600C TI1-BQ25600C Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFR TI1-BQ25600CYFFR Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFT TI1-BQ25600CYFFT Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
More results

Similar Description - BQ25600YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25601 TI1-BQ25601 Datasheet
1Mb / 60P
[Old version datasheet]   I2C Controlled 3-A, Single-Cell Battery Charger for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25601D TI1-BQ25601D Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3-A Single-Cell Battery Charger With USB Charger Detection for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
logo
Monolithic Power System...
MP2617H MPS-MP2617H Datasheet
1Mb / 31P
   Wide input Voltage, 3A, Switching Charger With NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ25628E TI1-BQ25628E Datasheet
2Mb / 75P
[Old version datasheet]   BQ25628E I2C Controlled 1-Cell, 2-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
BQ25622E TI1-BQ25622E Datasheet
2Mb / 76P
[Old version datasheet]   BQ25622E I2C Controlled 1-Cell, 3-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
logo
Monolithic Power System...
MP2625B MPS-MP2625B Datasheet
1Mb / 31P
   2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
   3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625 MPS-MP2625 Datasheet
1Mb / 28P
   2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
   3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ24297 TI-BQ24297_15 Datasheet
1Mb / 55P
[Old version datasheet]   bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com