Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1306E25DWVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1306E25DWVR
Description  Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1306E25DWVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC1306E25DWVR Datasheet HTML 4Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 5Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 6Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 7Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 8Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 9Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 10Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 11Page - Texas Instruments AMC1306E25DWVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
SBAS734 – MARCH 2017
www.ti.com
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: AMC1306x25 (continued)
minimum and maximum specifications apply from TA = –40°C to +125°C, AVDD = 3.0 V to 5.5 V, DVDD = 2.7 V to 5.5 V,
AINP = –250 mV to 250 mV, AINN = AGND, and sinc
3 filter with OSR = 256 (unless otherwise noted); typical specifications
are at TA = 25°C, CLKIN = 20 MHz, AVDD = 5 V, and DVDD = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS/OUTPUTS
CMOS Logic with Schmitt-trigger
IIN
Input current
DGND
≤ VIN ≤ DVDD
0
7
μA
CIN
Input capacitance
4
pF
VIH
High-level input voltage
0.7 × DVDD
DVDD + 0.3
V
VIL
Low-level input voltage
–0.3
0.3 × DVDD
V
CLOAD
Output load capacitance
fCLKIN = 20 MHz
30
pF
VOH
High-level output voltage
IOH = –20 µA
DVDD – 0.1
V
IOH = –4 mA
DVDD – 0.4
VOL
Low-level output voltage
IOL = 20 µA
0.1
V
IOL = 4 mA
0.4
POWER SUPPLY
AVDD
High-side supply voltage
3.0
5.0
5.5
V
IAVDD
High-side supply current
3.0 V
≤ AVDD ≤ 3.6 V
6.3
8.5
mA
4.5 V
≤ AVDD ≤ 5.5 V
7.2
9.8
DVDD
Controller-side supply voltage
2.7
3.3
5.5
V
IDVDD
Controller-side supply current
AMC1306Ex, 2.7 V
≤ DVDD ≤ 3.6 V,
CLOAD = 15 pF
4.1
5.5
mA
AMC1306Mx, 2.7 V
≤ DVDD ≤ 3.6 V,
CLOAD = 15 pF
3.3
4.8
AMC1306Ex, 4.5 V
≤ DVDD ≤ 5.5 V,
CLOAD = 15 pF
5.0
6.9
AMC1306Mx, 4.5 V
≤ DVDD ≤ 5.5 V,
CLOAD = 15 pF
3.9
6.0


Similar Part No. - AMC1306E25DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1306E25DWVR TI1-AMC1306E25DWVR Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E25DWVR TI1-AMC1306E25DWVR Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
More results

Similar Description - AMC1306E25DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com