Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPC402RHUR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # FPC402RHUR
Description  Quad Port Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FPC402RHUR Datasheet(HTML) 3 Page - Texas Instruments

  FPC402RHUR Datasheet HTML 1Page - Texas Instruments FPC402RHUR Datasheet HTML 2Page - Texas Instruments FPC402RHUR Datasheet HTML 3Page - Texas Instruments FPC402RHUR Datasheet HTML 4Page - Texas Instruments FPC402RHUR Datasheet HTML 5Page - Texas Instruments FPC402RHUR Datasheet HTML 6Page - Texas Instruments FPC402RHUR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FPC402
www.ti.com
SNLS583 – JUNE 2017
Product Folder Links: FPC402
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Description (continued)
The FPC402 is compatible with standard SFF-8431, SFF-8436, and SFF-8449 low-speed management
interfaces, including a dedicated 100- or 400-kHz I2C interface to each port. Additional general-purpose pins are
available to perform functions such as driving port status LEDs or controlling power switches. The LED drivers
have convenience features such as programmable blinking and dimming. The interface to the host controller can
operate on a separate supply voltage between 1.8 V and 3.3 V to support low-voltage I/Os.
The FPC402 can prefetch data from user-specified registers in each module, making the data readily accessible
to the host through a fast I2C (up to 1 MHz) or SPI (up to 10 MHz) interface. In addition, the FPC402 can trigger
an interrupt to the host whenever critical, user-configurable events occur associated with any of the ports the
device controls. This eliminates the need to continuously poll the modules.


Similar Part No. - FPC402RHUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FPC401 TI1-FPC401 Datasheet
711Kb / 10P
[Old version datasheet]   FPC401 Quad Port Controller
FPC401RHUR TI1-FPC401RHUR Datasheet
711Kb / 10P
[Old version datasheet]   FPC401 Quad Port Controller
FPC401RHUT TI1-FPC401RHUT Datasheet
711Kb / 10P
[Old version datasheet]   FPC401 Quad Port Controller
More results

Similar Description - FPC402RHUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FPC401 TI1-FPC401 Datasheet
711Kb / 10P
[Old version datasheet]   FPC401 Quad Port Controller
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
[Old version datasheet]   Quad Port Power-over-Ethernet PSE Controller
logo
List of Unclassifed Man...
82C862 ETC2-82C862 Datasheet
302Kb / 51P
   FireLink USB Dual Controller Quad Port USB
logo
Broadcom Corporation.
BCM5719 BOARDCOM-BCM5719 Datasheet
678Kb / 2P
   X4 PCI EXPRESS QUAD-PORT GIGABIT ETHERNET CONTROLLER
logo
XFMRS Inc.
XF0476-QCMC XFMRS-XF0476-QCMC Datasheet
46Kb / 1P
   QUAD PORT
XF6006Q5 XFMRS-XF6006Q5_15 Datasheet
95Kb / 1P
   QUAD PORT
logo
Silicon Laboratories
SI3452 SILABS-SI3452 Datasheet
324Kb / 36P
   QUAD HIGH-VOLTAGE PORT CONTROLLER FOR POE AND POE PSES
logo
XFMRS Inc.
XFATM6-C4-4S XFMRS-XFATM6-C4-4S Datasheet
100Kb / 2P
   QUAD PORT COMBO
XFATM9-C4-4M XFMRS-XFATM9-C4-4M Datasheet
69Kb / 2P
   QUAD PORT COMBO
XF6612A-C4-4S XFMRS-XF6612A-C4-4S Datasheet
85Kb / 2P
   QUAD PORT COMBO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com