Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMAFJ51 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # P4SMAFJ51
Description  Surface mount transient voltage suppressor power 400 watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

P4SMAFJ51 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  P4SMAFJ51 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P4SMAFJ51 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P4SMAFJ51 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P4SMAFJ51 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD P4SMAFJ51 Datasheet HTML 5Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface mount transient voltage suppressor power 400 watts
Stand-Off Voltage
: 5V~220V
FEATURES
• For surface mounted applications in order to
optimize board space.
• Low profile package
• Glass passivated junction
• Low inductance
• Plastic package has Underwriters Laboratory
Flammability
MECHANICAL DATA
• Case: SMAF
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
27mg 0.00095oz
pprox. Weight:
Maximum Ratings and Electrical characteristics
Ratings at 25
ambient temperature unless otherwise specified.
°C
Parameter
Peak Pulse Power Dissipation on
=2
(Note 1,2,4, Fig1)
TA
5
°C
Symbol
Value
Unit
PPPM
400
W
Peak Forward Surge Current (Note 3,Fig 4)
IFSM
40
A
Peak Pulse Current on 10/1000 us waveform (Note 1, Fig 3)
IPPM
see Table 1
ESD Voltage per IEC6100-4-2
Contact
Air
Typical Thermal Resistance Junction to Ambient(Note 2)
Operating Junction Temperature and Storage Temperature Range
VESD1
V
ESD2
RθJA
T , T
j
stg
30
30
70
°C
-55 ~ +150
NOTES
:
1
. Non-repetitive current pulse, per Fig.3 and derated above T = 25
per Fig
. 2.
A
2
2
. Mounted on 5mm copper pads to each terminal.
3
. Peak Forward Surge Current : 8.3ms single half sine-wave Superimposed on rated load (JEDEC method).
4
. Peak pulse power waveform is 10/1000μS.
°C
°C/W
A
kV
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SMBF and symbol
Unipolar
Bipolar
1
2
(UNI)
P4SMAFJ Series
www.yfwdiode.com


Similar Part No. - P4SMAFJ51

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P4SMAFJ51 SUNMATE-P4SMAFJ51 Datasheet
741Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
DONGGUAN YOU FENG WEI E...
P4SMAFJ51 YFWDIODE-P4SMAFJ51 Datasheet
555Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
Pan Jit International I...
P4SMAFJ51A PANJIT-P4SMAFJ51A Datasheet
481Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
logo
DONGGUAN YOU FENG WEI E...
P4SMAFJ51A YFWDIODE-P4SMAFJ51A Datasheet
127Kb / 3P
   Surface mounttransient voltage suppressor power 400 watts
logo
Microdiode Electronics ...
P4SMAFJ51A CHENDA-P4SMAFJ51A Datasheet
1Mb / 3P
   8.5-170 Volts Peak pulse power: 400 Watts
More results

Similar Description - P4SMAFJ51

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P4SMAJ-220V-SMA YFWDIODE-P4SMAJ-220V-SMA Datasheet
715Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
P4SMAFJ5.0A YFWDIODE-P4SMAFJ5.0A Datasheet
669Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
SHIKUES Electronics
SMAFJ SKTECHNOLGY-SMAFJ Datasheet
669Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
SMAJ SKTECHNOLGY-SMAJ Datasheet
401Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Pan Jit International I...
P4SMAFJ PANJIT-P4SMAFJ Datasheet
481Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
P4SMA_SERIES PANJIT-P4SMA_SERIES_14 Datasheet
214Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
logo
Xian Semipower Electron...
P4SMAFJ SEMIPOWER-P4SMAFJ Datasheet
172Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
Guangdong Juxing Electr...
P4SMAFJ JUXING-P4SMAFJ Datasheet
1Mb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
DONGGUAN YOU FENG WEI E...
SMAJ5.0A YFWDIODE-SMAJ5.0A_V01 Datasheet
565Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
SMAJ6.8A YFWDIODE-SMAJ6.8A Datasheet
510Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com