Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM139-SP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM139-SP
Description  Quad Differential Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM139-SP Datasheet(HTML) 4 Page - Texas Instruments

  LM139-SP Datasheet HTML 1Page - Texas Instruments LM139-SP Datasheet HTML 2Page - Texas Instruments LM139-SP Datasheet HTML 3Page - Texas Instruments LM139-SP Datasheet HTML 4Page - Texas Instruments LM139-SP Datasheet HTML 5Page - Texas Instruments LM139-SP Datasheet HTML 6Page - Texas Instruments LM139-SP Datasheet HTML 7Page - Texas Instruments LM139-SP Datasheet HTML 8Page - Texas Instruments LM139-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
LM139-MIL
SLCS160 – JUNE 2017
www.ti.com
Product Folder Links: LM139-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground.
(3)
Differential voltages are at xIN+ with respect to xIN–.
(4)
Input current flows through parasitic diode to ground and will turn on parasitic transistors that will increase ICC and may cause output to
be incorrect. Normal operation resumes when input is removed.
(5)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2)
36
V
VID
Differential input voltage(3)
±36
V
VI
Input voltage range (either input)
–0.3
36
V
IK
Input current(4)
–50
mA
VO
Output voltage
36
V
IO
Output current
20
mA
Duration of output short circuit to ground(5)
Unlimited
TJ
Operating virtual-junction temperature
150
°C
Case temperature for 60 s
FK package
260
°C
Lead temperature 1.6 mm (1/16 in) from case for 60 s
J package
300
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
2
30
V
TJ
Junction temperature
–55
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LM139-MIL
UNIT
D (SOIC)
J (CDIP)
W (CFP)
FK (LCCC)
RθJA
Junction-to-ambient thermal resistance
98.8
89.5
156.2
82.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
64.3
46.1
86.7
60.7
°C/W
RθJB
Junction-to-board thermal resistance
59.7
78.7
154.6
59.4
°C/W
ψJT
Junction-to-top characterization parameter
25.7
3
56.5
53
°C/W
ψJB
Junction-to-board characterization parameter
59.3
71.8
133.5
58.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
24.2
14.3
9.7
°C/W


Similar Part No. - LM139-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139-SP TI1-LM139-SP Datasheet
214Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP Datasheet
214Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI-LM139-SP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139-SP TI-LM139-SP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139-SP TI1-LM139-SP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
More results

Similar Description - LM139-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com