Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIS30L-SP42S Datasheet(PDF) 1 Page - DDK Ltd.

Part # DIS30L-SP42S
Description  Waterproof Industrial Rectangular Connector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DIS30L-SP42S Datasheet(HTML) 1 Page - DDK Ltd.

  DIS30L-SP42S Datasheet HTML 1Page - DDK Ltd. DIS30L-SP42S Datasheet HTML 2Page - DDK Ltd. DIS30L-SP42S Datasheet HTML 3Page - DDK Ltd. DIS30L-SP42S Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.ddknet.co/jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
Factory automation equipment(inside/outside),Industrial robot,
Medical equipment,Telecommunications equipment, Office automation equipment,
other electric equipment
Rated Voltage
200VAC (r.m.s.)
Rated Current
1A max.
Dielectric Withstand Volatge 900VAC (r.m.s.) / 1minute
Insulation Resistance
1,000M Ω min. at 500VDC
Waterproof
IP67(mated condition)
Number of contact
42
Lock Type
One-touch Locking
Item
Material / Finish
Contact
Copper Alloy / Au over Ni Plating
Housing
PBT Resin(UL94V-0) / Black
Cable Clamp
Nylon Resin(UL94V-0) / Black
Dust cover
PBT Resin(UL94V-0) /Black(Plug)
Chroloprene rubber /Black(Receptacle)
DIS Series
Waterproof Industrial Rectangular Connector
RoHS
Compliant
RoHS
Compliant
140219
APPLICATIONS
MATERIAL /FINISH
Waterproof
IP67
Lock Type
One-touch
Locking
OUTLINE
SPECIFICATIONS
DIS series is a lightweight, waterproof connector encased in a plastic shell.
The connector enables mating and unmating in a shorter time and has better operability in
limited space by employing a push/pull system for mating and unmating and having ridges on
the surface for ease of grabbing the product. The connector is equipped with a lock system to
prevent the connector from inadvertentently unmating, but the connector is still easily removable.
The plastic shell contains an O ring and is more waterproof than metal shell connectors when
the connector is mated. The adoption of crimping and the use of specialty tools reduces the
connection process time and improves connection reliability.


Similar Part No. - DIS30L-SP42S

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
DIS MSYSTEM-DIS Datasheet
111Kb / 3P
   Plug-in Signal Conditioners M-UNIT
logo
LEDTRONICS, INC
DIS-1018-105A LEDTRONICS-DIS-1018-105A Datasheet
52Kb / 1P
   DIS-1018-105A
DIS-1024-005A LEDTRONICS-DIS-1024-005A Datasheet
50Kb / 1P
   DIS-1024-005A
DIS-1024-105A LEDTRONICS-DIS-1024-105A Datasheet
47Kb / 1P
   DIS-1024-105A
DIS-1024-106 LEDTRONICS-DIS-1024-106 Datasheet
47Kb / 1P
   DIS-1024-106
More results

Similar Description - DIS30L-SP42S

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DK-2P12CRC-S DDK-DK-2P12CRC-S Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
DK-3RECSST1-4000 DDK-DK-3RECSST1-4000 Datasheet
1Mb / 3P
   Industrial waterproof rectangular connector
DK-3P04BRCX-S DDK-DK-3P04BRCX-S Datasheet
2Mb / 5P
   Industrial waterproof rectangular connector
DK-2P36FRC-S DDK-DK-2P36FRC-S Datasheet
1Mb / 4P
   Industrial waterproof rectangular connector
logo
Japan Aviation Electron...
KN01 JAE-KN01 Datasheet
763Kb / 12P
   High-density, Waterproof Rectangular Connector
Jan.2022
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
logo
Japan Aviation Electron...
HB01 JAE-HB01 Datasheet
496Kb / 6P
   Waterproof In-line Connector for Industrial Machinery
logo
List of Unclassifed Man...
KDM20-07 ETC2-KDM20-07 Datasheet
320Kb / 3P
   Rectangular Multi-connector
logo
Molex Electronics Ltd.
0551244331 MOLEX7-0551244331 Datasheet
108Kb / 3P
   HMC??Rectangular Industrial Terminal 55124, 18 AWG, Blue Retainer
0593190028 MOLEX7-0593190028 Datasheet
112Kb / 3P
   HMC??Rectangular Industrial Female Terminal, Multi-Module Type, Reel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com