Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0730R2 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # HCPL-0730R2
Description  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-0730R2 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button HCPL-0730R2 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-0730R2 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-0730R2 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-0730R2 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-0730R2 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-0730R2 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-0730R2 Datasheet HTML 9Page - Fairchild Semiconductor HCPL-0730R2 Datasheet HTML 10Page - Fairchild Semiconductor HCPL-0730R2 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
12/11/03
Page 7 of 12
© 2003 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS
SINGLE CHANNEL:
HCPL-0700
HCPL-0701
DUAL CHANNEL:
HCPL-0730
HCPL-0731
TYPICAL PERFORMANCE CURVES
Fig. 13 Current Transfer Ratio vs. Input Forward Current
(HCPL-0700, HCPL-0701)
IF - INPUT FORWARD CURRENT (mA)
0.1
1
10
0
500
1000
1500
2000
2500
3000
3500
TA = 85˚C
TA = 70˚C
TA = 25˚C
TA = 0˚C
TA = -40˚C
VCC = 5V
VO = 0.4V
Fig. 14 Switching Time Test Circuit
T
T
PLH
OL
VO
VO
5 V
1.5 V
F
I
1.5 V
T
PHL
T
4
5
Noise
1
2
Shield
8
7
6
+5 V
O
V
VCC
V01
V02
GND
VF1
-
+
F2
V
F
I
+
10% DUTY CYCLE
I/f < 100
µS
F
I
MONITOR
L
0.1
µF
Pulse
Generator
tr = 5ns
Z = 50
O
V
3
I Monitor
F
4
I/ < 100
µs
tr = 5ns
Generator
Pulse
Z = 50
f
O
VF
V
V
I
V
F
2
1
VO
V
V
O
6
5
GND
7
8
VO
B
VB
L
R
CC
VC
+5 V
0.1
µF
C = 15 pF*
L
Test Circuit for HCPL-0730 and HCPL-0731
Test Circuit for HCPL-0700 and HCPL-0701
m
R
Rm
Shield
Noise
-
C = 15 pF*
*Includes probe and fixture capacitance


Similar Part No. - HCPL-0730R2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0730 HP-HCPL-0730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0730 AVAGO-HCPL-0730 Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
More results

Similar Description - HCPL-0730R2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com