Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603W222KCRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603W222KCRACTU
Description  Ceramic, Anti-Arcing, ArcShieldFlexTerm-(CxxxxW), 2200 pF, 10%, 500 V, 0603, X7R, SMD, MLCC, Arcshield, High Voltage
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603W222KCRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0603W222KCRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - dc1adce7-0346-4811-87d5-284a12a5faf7
KEMET Part Number: C0603W222KCRACTU
(C0603W222KCRAC7867)
Ceramic, Anti-Arcing, ArcShieldFlexTerm-(CxxxxW), 2200 pF, 10%, 500 V, 0603, X7R, SMD, MLCC, Arcshield, High Voltage
Dimensions
L
1.6mm +/-0.17mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.10mm
S
0.58mm MIN
B
0.45mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: ArcShieldFlexTerm-(CxxxxW)
Chip Size: 0603
Description: SMD, MLCC, Arcshield, High
Voltage
Features: High Voltage
RoHS: Yes
Termination: Flexible Termination
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number
is 1000 hours. X7R dielectric is
not recommended for AC line
filtering or pulse applications
Specifications
Capacitance: 2200 pF
Capacitance Tolerance: 10%
Voltage DC: 500 VDC
Dielectric Withstanding
Voltage: 750 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 10 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603W222KCRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603W102KBRACTU KEMET-C0603W102KBRACTU Datasheet
73Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Arcshield, High Voltage, 1000 pF, /-10% Tol, 630 V, X7R, 0603 (1608 metric)
C0603W102KCRACTU KEMET-C0603W102KCRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Arcshield, High Voltage, 1000 pF, /-10% Tol, 500 V, X7R, 0603 (1608 metric)
C0603W102KDRACTU KEMET-C0603W102KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Arcshield, High Voltage, 1000 pF, /-10% Tol, 1000 V, X7R, 0603 (1608 metric)
C0603W152KBRACTU KEMET-C0603W152KBRACTU Datasheet
73Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Arcshield, High Voltage, 1500 pF, /-10% Tol, 630 V, X7R, 0603 (1608 metric)
C0603W152KCRACTU KEMET-C0603W152KCRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Arcshield, High Voltage, 1500 pF, /-10% Tol, 500 V, X7R, 0603 (1608 metric)
More results

Similar Description - C0603W222KCRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603W392KCRACTU KEMET-C0603W392KCRACTU_17 Datasheet
72Kb / 1P
   Ceramic, Anti-Arcing, ArcShieldFlexTerm-(CxxxxW), 3900 pF, 10%, 500 V, 0603, X7R, SMD, MLCC, Arcshield, High Voltage
C1210W154KCRACTU KEMET-C1210W154KCRACTU Datasheet
72Kb / 1P
   Ceramic, Anti-Arcing, ArcShieldFlexTerm-(CxxxxW), 0.15 uF, 10%, 500 V, 1210, X7R, SMD, MLCC, Arcshield, High Voltage
C2220W474KCRACTU KEMET-C2220W474KCRACTU Datasheet
72Kb / 1P
   Ceramic, Anti-Arcing, ArcShieldFlexTerm-(CxxxxW), 0.47 uF, 10%, 500 V, 2220, X7R, SMD, MLCC, Arcshield, High Voltage
C1808W154KCRACTU KEMET-C1808W154KCRACTU Datasheet
72Kb / 1P
   Ceramic, Anti-Arcing, ArcShieldFlexTerm-(CxxxxW), 0.15 uF, 10%, 500 V, 1808, X7R, SMD, MLCC, Arcshield, High Voltage
C1812W334KCRACTU KEMET-C1812W334KCRACTU Datasheet
72Kb / 1P
   Ceramic, Anti-Arcing, ArcShieldFlexTerm-(CxxxxW), 0.33 uF, 10%, 500 V, 1812, X7R, SMD, MLCC, Arcshield, High Voltage
C1210W124KCRACTU KEMET-C1210W124KCRACTU Datasheet
71Kb / 1P
   Ceramic, Anti-Arcing, ArcShieldFlexTerm-(CxxxxW), 0.12 uF, 10%, 500 V, 1210, X7R, SMD, MLCC, Arcshield, High Voltage
C0805W103KCRACTU KEMET-C0805W103KCRACTU Datasheet
72Kb / 1P
   Ceramic, Anti-Arcing, ArcShieldFlexTerm-(CxxxxW), 0.01 uF, 10%, 500 V, 0805, X7R, SMD, MLCC, Arcshield, High Voltage
C0805W472KDRACTU KEMET-C0805W472KDRACTU Datasheet
72Kb / 1P
   Ceramic, Anti-Arcing, ArcShieldFlexTerm-(CxxxxW), 4700 pF, 10%, 1,000 V, 0805, X7R, SMD, MLCC, Arcshield, High Voltage
C1210W104KCRACTU KEMET-C1210W104KCRACTU Datasheet
72Kb / 1P
   Ceramic, Anti-Arcing, ArcShieldFlexTerm-(CxxxxW), 0.1 uF, 10%, 500 V, 1210, X7R, SMD, MLCC, Arcshield, High Voltage
C1825W394KCRACTU KEMET-C1825W394KCRACTU Datasheet
72Kb / 1P
   Ceramic, Anti-Arcing, ArcShieldFlexTerm-(CxxxxW), 0.39 uF, 10%, 500 V, 1825, X7R, SMD, MLCC, Arcshield, High Voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com