Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

210-43-316-41-001000 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 210-43-316-41-001000
Description  SERIES 210, 222, 223 ??SOLDER TAIL AND WRAPOST ??CLOSED FRAME
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

210-43-316-41-001000 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  210-43-316-41-001000 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DUAL-IN-LINE SOCKETS
Mill-Max Mfg. Corp. • 190 Pine Hollow Road, P.O. Box 300, Oyster Bay, NY 11771 • 516-922-6000 • Fax: 516-922-9253 • www.mill-max.com
SERIES 210, 222, 223 • SOLDER TAIL AND WRAPOST • CLOSED FRAME
Closed frame insulator withstands high
mechanical impact
Available with standard solder pins, 2-level or
3-level wraposts
Hi-Rel, 4- nger BeCu #30 contact is rated at
3 amps. See page 253 for details
Series 210, 222 and 223 use MM #1001, #0088
or #0089 pins. See pages 165 & 198 for details
Insulators are high temperature thermoplastic,
suitable for all soldering operations
For Electrical, Mechanical and Environmental
Data, see page 264 for details
6
8
10
14
16
18
20
22
24
22
24
24
28
32
36
40
64
A
B
C
.100
A
B
C
0.3
0.4
0.5
0.7
0.8
0.9
1.0
1.1
1.2
1.1
1.2
1.2
1.4
1.6
1.8
2.0
3.2
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.3
0.4
0.4
0.6
0.6
0.6
0.6
0.6
0.9
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.4
0.5
0.5
0.7
0.7
0.7
0.7
0.7
1.0
67
50
40
28
25
22
20
18
16
18
16
16
14
12
11
10
6
ORDERING INFORMATION
See page 131 for Insulator Details
210-XX-306-41-001000
210-XX-308-41-001000
210-XX-310-41-001000
210-XX-314-41-001000
210-XX-316-41-001000
210-XX-318-41-001000
210-XX-320-41-001000
210-XX-322-41-001000
210-XX-324-41-001000
210-XX-422-41-001000
210-XX-424-41-001000
210-XX-624-41-001000
210-XX-628-41-001000
210-XX-632-41-001000
210-XX-636-41-001000
210-XX-640-41-001000
210-XX-964-41-001000
222-XX-306-41-001000
222-XX-308-41-001000
222-XX-310-41-001000
222-XX-314-41-001000
222-XX-316-41-001000
222-XX-318-41-001000
222-XX-320-41-001000
222-XX-322-41-001000
222-XX-324-41-001000
222-XX-422-41-001000
222-XX-424-41-001000
222-XX-624-41-001000
222-XX-628-41-001000
222-XX-632-41-001000
222-XX-636-41-001000
222-XX-640-41-001000
222-XX-964-41-001000
Solder Tail
L = .370
(2 Level Wrapost)
223-XX-306-41-001000
223-XX-308-41-001000
223-XX-310-41-001000
223-XX-314-41-001000
223-XX-316-41-001000
223-XX-318-41-001000
223-XX-320-41-001000
223-XX-322-41-001000
223-XX-324-41-001000
223-XX-422-41-001000
223-XX-424-41-001000
223-XX-624-41-001000
223-XX-628-41-001000
223-XX-632-41-001000
223-XX-636-41-001000
223-XX-640-41-001000
223-XX-964-41-001000
L = .510
(3 Level Wrapost)
XX=Plating Code
See Below
RoHS - 2
2011/65/EU
SQUARE
B
.193
.025
L=.370
OR
L=.510
.165
.110
.125
.095
.146
.020 DIA.
.015-.025
.010 .018
10 µ” Au
10 µ” Au
Contact (Clip)
SPECIFY PLATING CODE XX =
Sleeve (Pin)
10 µ” Au
30 µ” Au
91
200 µ” Sn/Pb
10 µ” Au
93
200 µ” Sn/Pb
30 µ” Au
99
200 µ” Sn/Pb
100 µ” Sn/Pb
200 µ” Sn
10 µ” Au
200 µ” Sn
30 µ” Au
200 µ” Sn
100 µ” Sn
13
11
41
44
43
200 µ” Sn
Au Flash
47


Similar Part No. - 210-43-316-41-001000

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
210-433FR RFSOLUTIONS-210-433FR Datasheet
396Kb / 11P
   Modular Radio Telemetry System
More results

Similar Description - 210-43-316-41-001000

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
210-47-624-41-001000 MILL-MAX-210-47-624-41-001000 Datasheet
354Kb / 1P
   SERIES 210, 222, 223 ??SOLDER TAIL AND WRAPOST ??CLOSED FRAME
210-93-324-41-001000 MILL-MAX-210-93-324-41-001000 Datasheet
354Kb / 1P
   SERIES 210, 222, 223 ??SOLDER TAIL AND WRAPOST ??CLOSED FRAME
logo
Precid-Dip Durtal SA
117-91-316-41-005 PREDIP-117-91-316-41-005 Datasheet
44Kb / 1P
   Shrinkdip sockets Open and closed frame Solder tail
logo
List of Unclassifed Man...
220-P02-100 ETC2-220-P02-100 Datasheet
701Kb / 1P
   FOR 221, 222, 223 SERIES CONNECTOR
logo
Precid-Dip Durtal SA
210-91-306-41-001 PREDIP-210-91-306-41-001 Datasheet
37Kb / 1P
   Dual-in-line sockets Closed frame Solder tail
299-93-306-10-001 PREDIP-299-93-306-10-001 Datasheet
41Kb / 1P
   Dual-in-line sockets / right angle version Closed frame Solder tail
logo
Mill-Max Mfg. Corp.
110-41-640-41-001000 MILL-MAX-110-41-640-41-001000 Datasheet
342Kb / 1P
   SERIES 110...001 ??STANDARD SOLDER TAIL ??OPEN FRAME
110-44-632-41-001000 MILL-MAX-110-44-632-41-001000 Datasheet
342Kb / 1P
   SERIES 110...001 ??STANDARD SOLDER TAIL ??OPEN FRAME
110-47-328-41-001000 MILL-MAX-110-47-328-41-001000 Datasheet
342Kb / 1P
   SERIES 110...001 ??STANDARD SOLDER TAIL ??OPEN FRAME
110-93-316-41-001000 MILL-MAX-110-93-316-41-001000 Datasheet
342Kb / 1P
   SERIES 110...001 ??STANDARD SOLDER TAIL ??OPEN FRAME
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com