Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

940-44-084-24-000000 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 940-44-084-24-000000
Description  SERIES 940 ??THROUGH-BOARD MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

940-44-084-24-000000 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  940-44-084-24-000000 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mill-Max Mfg. Corp. • 190 Pine Hollow Road, P.O. Box 300, Oyster Bay, NY 11771 • 516-922-6000 • Fax: 516-922-9253 • www.mill-max.com
STANDARD PLCC SOCKETS
A
B
C
.100 (TYP)
.325
.130
.018x.010
.035" DIA. HOLE
.100 (TYP)
.062" DIA.
SOLDER PAD
.100
.100
.035" dia. min. mounting holes
.100
1.000
1.000
1.200
1.200
.100
.100
1.000
1.000
.800
.800
.100
.100
.100
.100
.400
.500
.500
.300
.300
.300 .500
.600
.100
.100
.100
.100
.800
.800
.600
.600
.700
.700
.500
.500
SERIES 940 • THROUGH-BOARD MOUNT
Note: Not end stackable
Accepts JEDEC PLCCs MS-016 & MS-018
leaded plastic substrates
Internal stando s insure proper positioning
of chip carrier in socket
Stando s provide clearance for heat
dissipation and cleaning
Contacts are plated with 150 µ”tin
Insulator material is glass reinforced PPS
For Electrical, Mechanical and Environmental
Data, see page 141 for details
- A -
940-44-020-24-000000
940-44-028-24-000000
940-44-032-24-000000 *
940-44-044-24-000000
940-44-052-24-000000
940-44-068-24-000000
940-44-084-24-000000
940-44-100-24-000000
0.613
0.713
0.813 / .713
0.913
1.013
1.213
1.413
1.603
Number of
Contacts
Ordering Information
20
28
32 *
44
52
68
84
100
- B -
0.200
0.300
0.400 / .300
0.500
0.600
0.800
1.000
1.200
- C -
0.400
0.500
0.600 / .500
0.700
0.800
1.000
1.200
1.400
Quantity
per Tube
38
33
29
26
23
19
16
25
RECTANGULAR *
RoHS - 2
2011/65/EU
Plating Code 44
= 150 µ” Sn


Similar Part No. - 940-44-084-24-000000

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
940-44-084-24-000000 MILL-MAX-940-44-084-24-000000 Datasheet
668Kb / 1P
   SERIES 940 ??THROUGH-BOARD MOUNT
More results

Similar Description - 940-44-084-24-000000

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
940-44-020-24-000000 MILL-MAX-940-44-020-24-000000 Datasheet
668Kb / 1P
   SERIES 940 ??THROUGH-BOARD MOUNT
940-44-052-24-000000 MILL-MAX-940-44-052-24-000000 Datasheet
668Kb / 1P
   SERIES 940 ??THROUGH-BOARD MOUNT
917-43-210-41-005000 MILL-MAX-917-43-210-41-005000 Datasheet
452Kb / 1P
   SERIES 940 ??THROUGH-BOARD MOUNT
917-93-208-41-005000 MILL-MAX-917-93-208-41-005000 Datasheet
452Kb / 1P
   SERIES 940 ??THROUGH-BOARD MOUNT
917-43-104-41-005000 MILL-MAX-917-43-104-41-005000 Datasheet
452Kb / 1P
   SERIES 940 ??THROUGH-BOARD MOUNT
917-43-104-41-001000 MILL-MAX-917-43-104-41-001000 Datasheet
452Kb / 1P
   SERIES 940 ??THROUGH-BOARD MOUNT
940-44-044-17-400000 MILL-MAX-940-44-044-17-400000 Datasheet
381Kb / 1P
   SERIES 940 ??SURFACE MOUNT
logo
OSRAM GmbH
SFH4725S OSRAM-SFH4725S Datasheet
238Kb / 10P
   OSLON Black Series (940 nm)
logo
3M Electronics
9631032000ARTP 3M-9631032000ARTP Datasheet
429Kb / 5P
   3M??Through-Board Socket
9662046702AR 3M-9662046702AR Datasheet
276Kb / 5P
   3M??Through-Board Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com