Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS932S208 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS932S208
Description  Programmable Timing Control Hub??for Next Gen P4??processor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S208 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS932S208 Datasheet HTML 6Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 7Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 8Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 9Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 10Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 11Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 12Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 13Page - Integrated Circuit Systems ICS932S208 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Integrated
Circuit
Systems, Inc.
ICS932S208
0743D—07/07/04
Electrical Characteristics - REF-14.318MHz
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Long Accuracy
ppm
1
see Tperiod min-max values
-300
300
ppm
Clock period
Tperiod
14.318MHz output nominal
69.8270
69.8550
ns
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.4
V
Output High Current
IOH
1
V OH @MIN = 1.0 V,
V
OH@MAX = 3.135 V
-29
-23
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V,
VOL
@MAX = 0.4 V
29
27
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
12
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
12
ns
Skew
tsk1
1
VT = 1.5 V
500
ps
Duty Cycle
dt1
1
VT = 1.5 V
45
55
%
Jitter
tjcyc-cyc
1
VT = 1.5 V
1000
ps
1Guaranteed by design, not 100% tested in production.
Group to Group Skews at Common Transition Edges
GROUP
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
200MHZ CPU to 3V66
1
SCPU200-3V66
3V66 (4:0) leads 200MHZ
CPU
-2.0
-1.5
-1.0
ns
3V66 to PCI
S3V66-PCI
3V66 (4:0) leads 33MHz PCI
1.50
3.50
ns
DOT-USB
SDOT_USB
180 degrees out of phase
0.00
1.00
ns
DOT-VCH
SDOT_VCH
in phase
0.00
1.00
ns
1. 3V66 MHz CL = 0pf, Rseries = 33 ohm. CPU CL = 2 pf, Rseries = 33 ohm, Rshunt = 49.9 ohms.
Measured at the pins of the 932S208.


Similar Part No. - ICS932S208

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS932S208 IDT-ICS932S208 Datasheet
157Kb / 21P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
logo
Renesas Technology Corp
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
   Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
More results

Similar Description - ICS932S208

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
   Programmable Timing Control Hub for Next Gen P4??processor
ICS954119 ICST-ICS954119 Datasheet
217Kb / 17P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS952606 ICST-ICS952606 Datasheet
162Kb / 20P
   Programmable Timing Control Hub for Next Gen P4 processor
ICS952623 ICST-ICS952623 Datasheet
321Kb / 27P
   Programmable Timing Control Hub for Next Gen P4 processor
ICS952621 ICST-ICS952621 Datasheet
198Kb / 15P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS952601 ICST-ICS952601 Datasheet
181Kb / 24P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS952607 ICST-ICS952607 Datasheet
214Kb / 21P
   Programmable Timing Control Hub for Next Gen P4 processor
953002CFLF ICST-953002CFLF Datasheet
285Kb / 35P
   Programmable Timing Control Hub for Next Gen P4 processor
logo
Integrated Device Techn...
954119DFLF IDT-954119DFLF Datasheet
219Kb / 17P
   Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119DFLFT IDT-ICS954119DFLFT Datasheet
219Kb / 17P
   Programmable Timing Control Hub??for Next Gen P4??processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com