Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE27A Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # 1.5KE27A
Description  Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

1.5KE27A Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  1.5KE27A Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 1.5KE27A Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD 1.5KE27A Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD 1.5KE27A Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD 1.5KE27A Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Transient Voltage Suppressors
Electrical Characteristics (TA=25℃)
Part Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
VBR(Volts)@IT
Test
Current
Maximum
Clamping
Voltage @IPP
Peak
Pulse Current
Reverse
Leakage
@VRWM
Unidirectional
Bidirectional
VRWM(V)
Min
Max
IT(mA)
VC(V)
IPP(A)
IR(μA)
1.5KE6.8A
1.5KE6.8CA 5.80
6.45
7.14
10
10.5
144.8
1000
1.5KE7.5A
1.5KE7.5CA
6.40
7.13
7.88
10
11.3
134.5
500
1.5KE8.2A
1.5KE8.2CA
7.02
7.79
8.61
10
12.1
125.6
200
1.5KE9.1A
1.5KE9.1CA
7.78
8.65
9.5
1
13.4
113.4
50
1.5KE10A
1.5KE10CA
8.55
9.5
10.5
1
14.5
104.8
10
1.5KE11A
1.5KE11CA
9.40
10.5
11.6
1
15.6
97.4
5
1.5KE12A
1.5KE12CA
10.20
11.4
12.6
1
16.7
91
5
1.5KE13A
1.5KE13CA
11.1
12.4
13.7
1
18.2
83.5
1
1.5KE15A
1.5KE15CA
12.8
14.3
15.8
1
21.2
71
1
1.5KE16A
1.5KE16CA
13.6
15.2
16.8
1
22.5
67.6
1
1.5KE18A
1.5KE18CA
15.3
17.1
18.9
1
25.2
60.3
1
1.5KE20A
1.5KE20CA
17.1
19
21
1
27.7
54.9
1
1.5KE22A
1.5KE22CA
18.8
20.9
23.1
1
30.6
49.7
1
1.5KE24A
1.5KE24CA
20.5
22.8
25.2
1
33.2
45.8
1
1.5KE27A
1.5KE27CA
23.1
25.7
28.4
1
37.5
40.5
1
1.5KE30A
1.5KE30CA
25.6
28.5
31.5
1
41.4
36.7
1
1.5KE33A
1.5KE33CA
28.2
31.4
34.7
1
45.7
33.3
1
1.5KE36A
1.5KE36CA
30.8
34.2
37.8
1
49.9
30.5
1
1.5KE39A
1.5KE39CA
33.3
37.1
41
1
53.9
28.2
1
1.5KE43A
1.5KE43CA
36.8
40.9
45.2
1
59.3
25.6
1
1.5KE47A
1.5KE47CA
40.2
44.7
49.4
1
64.8
23.5
1
1.5KE51A
1.5KE51CA
43.6
48.5
53.6
1
70.1
21.7
1
1.5KE56A
1.5KE56CA
47.8
53.2
58.8
1
77
19.7
1
1.5KE62A
1.5KE62CA
53
58.9
65.1
1
85
17.9
1
2
Table continues on next page
HUAAN LIMITED
www.huaandz.com
sales@huaandz.com


Similar Part No. - 1.5KE27A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1.5KE27A BILIN-1.5KE27A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1.5KE27A TSC-1.5KE27A Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Transys Electronics
1.5KE27A TRSYS-1.5KE27A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
1.5KE27A STMICROELECTRONICS-1.5KE27A Datasheet
142Kb / 10P
   Transil
logo
Shanghai Shunye Electro...
1.5KE27A SY-1.5KE27A Datasheet
660Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPESSOR
More results

Similar Description - 1.5KE27A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com