Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248-192 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9248-192
Description  Frequency Timing Generator for Transmeta Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-192 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9248-192 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
ICS9248-192
0540E—08/20/03
Electrical Characteristics - CPUCLK
TA = 0 - 70°C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH2B
IOH = -12.0 mA
1.8
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-27
mA
Output Low Current
IOL2B
VOL = 0.7 V
27
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
0.4
1.6
ns
Fall Time
tf2B
1
VOH = 2.0 V, VOL = 0.4 V
0.4
1.6
ns
Duty Cycle
dt2B
1
VT = 1.25 V
44
55
%
Skew
tsk2B
1
VT = 1.25 V
175
ps
tjcyc-cyc2B
1
VT = 1.25 V
250
ps
tjabs2B
1
VT = 1.25 V
-250
+250
ps
1Guaranteed by design, not 100% tested in production.
Jitter
Electrical Characteristics - REF
TA = 0 - 70°C; VDD = 3.3 V , VDDL = 2.5V, +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH5
IOH = -12 mA
2.6
V
Output Low Voltage
VOL5
IOL = 9 mA
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
55
%
tjcyc-cyc5
VT = 1.5 V, REF
1000
ps
tjabs5
VT = 1.5 V, REF
800
ps
tjcyc-cyc5
VT = 1.5 V, 48 MHz
500
ps
tjabs5
VT = 1.5 V, 48 MHz
800
ps
Jitter
1
Jitter
1


Similar Part No. - ICS9248-192

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9248-192 RENESAS-ICS9248-192 Datasheet
387Kb / 14P
   Frequency Timing Generator for Transmeta Systems
2019
More results

Similar Description - ICS9248-192

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952301 ICST-ICS952301 Datasheet
588Kb / 12P
   Frequency Timing Generator for Transmeta Systems
logo
Renesas Technology Corp
ICS9248-192 RENESAS-ICS9248-192 Datasheet
387Kb / 14P
   Frequency Timing Generator for Transmeta Systems
2019
logo
Integrated Circuit Syst...
ICS9248-65 ICST-ICS9248-65 Datasheet
264Kb / 10P
   Frequency Timing Generator for PENDIUM II Systems
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
   Frequency Timing Generator for Pentium II Systems
ICS9250-14 ICST-ICS9250-14 Datasheet
410Kb / 13P
   Frequency Timing Generator for Pentium II Systems
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
   Frequency Timing Generator for PENTIUM II Systems
logo
Renesas Technology Corp
ICS9248-61 RENESAS-ICS9248-61 Datasheet
421Kb / 10P
   Frequency Timing Generator for Pentium II Systems
2019
logo
Integrated Circuit Syst...
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
   Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
   Frequency Timing Generator for Pentium II Systems
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
   Frequency Timing Generator for PENTIUM II Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com