Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE56CA Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # 1.5KE56CA
Description  Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

1.5KE56CA Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  1.5KE56CA Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 1.5KE56CA Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD 1.5KE56CA Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD 1.5KE56CA Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD 1.5KE56CA Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.5KE6.8CA Thru 1.5KE550CA
Transient Voltage Suppressors
TVS Diodes - 1500W > 1.5KE Series
Description
The 1.5KE series is designed specifically to protect sensitive electronic equipment from voltage transients
induced by lightning and other transient voltage events.
Features
• Plastic material has UL flammability classification 94V-O
• Typical IR less than 1uA above 12V
• Fast response time
• Glass passivated junction
• Low zener impedance• Excellent clamping capability
Package: DO-201
• Low inductance
• High Temperature soldering: 260℃/10 seconds at terminals
Applications
• I/O interface
• AC/DC power supply
• Low frequency signal transmission line (RS232, RS485, etc.)
Electrical Characteristics
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA=25℃ by 10 / 1000μs waveform
(Fig.1)(Note 1)
PPPM
1500
W
Steady state power dissipation at TL=75℃ (Fig.5)
PM(AV)
6.5
W
Peak Forward Surge Current, 8.3ms Single Half Sine Wave superimposed on
rated load, (JEDEC Method) (Note2, Fig.6)
IFSM
200
A
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to 175
Typical Thermal Resistance Junction to Lead
RθJL
15
/W
Typical Thermal Resistance Junction to Ambient
RθJA
75
/W
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig. 2.
2. 8.3ms single half sine-wave, or equivalent square wave, duty cycle=4 pulses per minutes maximum.
1
HUAAN LIMITED
www.huaandz.com
sales@huaandz.com


Similar Part No. - 1.5KE56CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5KE56CA ONSEMI-1.5KE56CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Shenzhen Luguang Electr...
1.5KE56CA LUGUANG-1.5KE56CA Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Shanghai Yint Electroni...
1.5KE56CA YINT-1.5KE56CA Datasheet
682Kb / 5P
   1.5KE Transient Voltage Suppressor Diode Series
logo
DB Lectro Inc
1.5KE56CA DBLECTRO-1.5KE56CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Littelfuse
1.5KE56CA LITTELFUSE-1.5KE56CA Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 1.5KE56CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com