Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1575353A02 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # GP1575353A02
Description  3.5mm thick GPS Patch Antenna, 1575MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GP1575353A02 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  GP1575353A02 Datasheet HTML 1Page - Taoglas antenna solutions GP1575353A02 Datasheet HTML 2Page - Taoglas antenna solutions GP1575353A02 Datasheet HTML 3Page - Taoglas antenna solutions GP1575353A02 Datasheet HTML 4Page - Taoglas antenna solutions GP1575353A02 Datasheet HTML 5Page - Taoglas antenna solutions GP1575353A02 Datasheet HTML 6Page - Taoglas antenna solutions GP1575353A02 Datasheet HTML 7Page - Taoglas antenna solutions GP1575353A02 Datasheet HTML 8Page - Taoglas antenna solutions GP1575353A02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SPE-12-8-098/D/AS
Page 3 of 13
3. Test Setup
Figure 1. Return Loss measurement.
Figure 2. Peak gain, average gain, efficiency and radiation pattern measurements.
Z
Y
X


Similar Part No. - GP1575353A02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP1575353A ETC2-GP1575353A Datasheet
875Kb / 11P
   3.5mm thick GPS Patch Antenna, 1575MHz
More results

Similar Description - GP1575353A02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GP1575353A ETC2-GP1575353A Datasheet
875Kb / 11P
   3.5mm thick GPS Patch Antenna, 1575MHz
GP1575124A02 ETC2-GP1575124A02 Datasheet
589Kb / 12P
   4mm thick GPS Patch Antenna, 1575MHz
GP1575182A02 ETC2-GP1575182A02 Datasheet
607Kb / 12P
   2mm thick GPS Patch Antenna, 1575MHz
logo
Taoglas antenna solutio...
CGGP353A02 TAOGLAS-CGGP353A02 Datasheet
1Mb / 13P
   3.5mm Thick GPS/Glonass/Galileo Patch Antenna
logo
List of Unclassifed Man...
CGGP353A02 ETC2-CGGP353A02 Datasheet
447Kb / 11P
   3.5mm thick GPS/Glonass Patch Antenna, 1575-1610MHz
GP1575154B02 ETC2-GP1575154B02 Datasheet
540Kb / 9P
   15mm,15mm,4mm 1575mhz GPS Patch Antenna
logo
Taoglas antenna solutio...
GP1575154B02 TAOGLAS-GP1575154B02 Datasheet
709Kb / 8P
   15mm*15mm*4mm 1575mhz GPS/GALILEO Patch Antenna
logo
List of Unclassifed Man...
GP1575254A02 ETC2-GP1575254A02 Datasheet
820Kb / 8P
   4mm thick GPS Patch Antenna
logo
Taoglas antenna solutio...
GP1575.12.4.A.02 TAOGLAS-GP1575.12.4.A.02 Datasheet
655Kb / 12P
   4mm thick GPS Patch Antenna
GP1575182A02 TAOGLAS-GP1575182A02 Datasheet
701Kb / 9P
   2mm thick GPS/GALILEO Patch Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com