Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250YG-38-T Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9250YG-38-T
Description  Frequency Generator with 200MHz Differential CPU Clocks
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250YG-38-T Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9250YG-38-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9250YG-38-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9250YG-38-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9250YG-38-T Datasheet HTML 9Page - Integrated Circuit Systems ICS9250YG-38-T Datasheet HTML 10Page - Integrated Circuit Systems ICS9250YG-38-T Datasheet HTML 11Page - Integrated Circuit Systems ICS9250YG-38-T Datasheet HTML 12Page - Integrated Circuit Systems ICS9250YG-38-T Datasheet HTML 13Page - Integrated Circuit Systems ICS9250YG-38-T Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
ICS9250-38
0404B—12/23/02
Electrical Characteristics - VCH, 48MHz DOT, 48MHz, USB
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
20
48
60
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.4
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-29
-23
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
29
27
mA
48DOT Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
677
1
ns
48DOT Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
952
1
ns
VCH 48 USB Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
1
1.11
2
ns
VCH 48 USB Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
1
1.28
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
53
55
%
Jitter
tjcyc-cyc
1
VT = 1.5 V
194
350
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - REF
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
20
48
60
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.4
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-29
-23
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
29
27
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
1
1.25
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
1
1.21
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
52.2
55
%
Jitter
tjcyc-cyc
1
VT = 1.5 V
675
1000
ps
1Guaranteed by design, not 100% tested in production.


Similar Part No. - ICS9250YG-38-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250YG-22-T ICST-ICS9250YG-22-T Datasheet
106Kb / 11P
   Frequency Generator for P IV?
More results

Similar Description - ICS9250YG-38-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
   Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950810 RENESAS-ICS950810 Datasheet
410Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950811 RENESAS-ICS950811 Datasheet
288Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
08/09/07
logo
Integrated Circuit Syst...
ICS950818 ICST-ICS950818 Datasheet
154Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com