Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP10F070039B Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # AP10F070039B
Description  2 Stage 25dB 10mm Active GPS/GALILEO Ceramic Patch Antenna 39mm 0.81 Micro Coax with IPEX MHFI (U.FL compatible)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AP10F070039B Datasheet(HTML) 5 Page - Taoglas antenna solutions

  AP10F070039B Datasheet HTML 1Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 2Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 3Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 4Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 5Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 6Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 7Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 8Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SPE-12-8-004/B/SS
Page 5 of 10
3. LNA Gain and Out Band Rejection @3.0V


Similar Part No. - AP10F070039B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP10F070039B ETC2-AP10F070039B Datasheet
1Mb / 11P
   2 Stage 25dB 10mm Active Ceramic Patch Antenna 39mm 0.81 Micro Coax with IPEX MHFI with Front End SAW Filter
More results

Similar Description - AP10F070039B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP10F070039B ETC2-AP10F070039B Datasheet
1Mb / 11P
   2 Stage 25dB 10mm Active Ceramic Patch Antenna 39mm 0.81 Micro Coax with IPEX MHFI with Front End SAW Filter
logo
Taoglas antenna solutio...
AP10E070039B TAOGLAS-AP10E070039B Datasheet
442Kb / 9P
   AP.10E - 1 Stage 15dB 39mm 0.81 with IPEX MHFI (U.FL compatible)
logo
List of Unclassifed Man...
AP10E070039B ETC2-AP10E070039B Datasheet
1Mb / 12P
   AP.10E - 1 Stage 15dB 39mm 0.81 with IPEX MHFI
logo
Taoglas antenna solutio...
AP10G01 TAOGLAS-AP10G01 Datasheet
856Kb / 10P
   10mm SMT 14dB Active GPS/GALILEO Patch Antenna
AP25E070054A TAOGLAS-AP25E070054A Datasheet
708Kb / 10P
   25mm one Stage GPS/Galileo Active Patch Antenna Module
AP17E070064A TAOGLAS-AP17E070064A Datasheet
614Kb / 9P
   17mm One Stage GPS/Galileo Active Patch Antenna Module
logo
List of Unclassifed Man...
AP.10H.01 ETC2-AP.10H.01 Datasheet
1Mb / 11P
   10mm SMT 25dB Active GPS Patch Antenna With Front End Saw Filter
logo
Taoglas antenna solutio...
AP10H01 TAOGLAS-AP10H01 Datasheet
860Kb / 10P
   10mm SMT 25dB Active GPS Patch Antenna With Front End Saw Filter
logo
List of Unclassifed Man...
AP10H01 ETC2-AP10H01 Datasheet
1Mb / 11P
   10mm SMT 25dB Active GPS Patch Antenna With Front End Saw Filter
AP12F070045A ETC2-AP12F070045A Datasheet
1Mb / 11P
   12mm Two Stage 25dB GPS Active Patch Antenna Module with front-end Saw Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com