Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP12F070045A Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # AP12F070045A
Description  12mm Two Stage 23dB GPS/GALILEO Active Patch Antenna Module with Front-edn Saw filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AP12F070045A Datasheet(HTML) 3 Page - Taoglas antenna solutions

  AP12F070045A Datasheet HTML 1Page - Taoglas antenna solutions AP12F070045A Datasheet HTML 2Page - Taoglas antenna solutions AP12F070045A Datasheet HTML 3Page - Taoglas antenna solutions AP12F070045A Datasheet HTML 4Page - Taoglas antenna solutions AP12F070045A Datasheet HTML 5Page - Taoglas antenna solutions AP12F070045A Datasheet HTML 6Page - Taoglas antenna solutions AP12F070045A Datasheet HTML 7Page - Taoglas antenna solutions AP12F070045A Datasheet HTML 8Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SPE-11-8-094/D/SS Page 3 of 8
2. Specification
ELECTRICAL
Frequency
1575.42 ± 1.023MHz
Gain @ Zenith
-5 dBic Typ. @ Zenith
Gain (with LNA)
At 3V: 23  4dBi@90
Impedance
50Ω
Polarization
RHCP
Axial Ratio
4.0dB max. @Zenith
Input Voltage
Min. 1.8V Typ 3.0V Max. 5.5V
LNA
Frequency
1575.42 ± 1.023MHz
Outer Band Attenuation
F0=1575.42MHz
F0 30MHz
8dB min.
F0 50MHz
20dB min.
F0 100MHz 25dB min.
Output Impedance
50Ω
Output VSWR
2.0 Max
Pout at 1dB Gain
Compression point
Typ. 11dBm
Min. 5dBm
LNA Gain, Power Consumption and Noise Figure
Voltage
LNA Gain (Typ)
Power Consumption(mA) Typ
Noise Figure Typ
Min. 1.8V
20dB
4mA
2.0dB
Typ. 3.0V
28dB
9mA
2.0dB
Max. 5.5V
29dB
20mA
2.0dB
Input Voltage
Min. 1.8V
Typ. 3.0V
Max. 5.5V
MECHANICAL
Dimension
12mm x 12mm x 3.5mm
RF Cable
Coaxial Cable Ø1.13 ± 0.1mm, length 45 ± 2.5mm
Connector
IPEX MHFI (U.FL)
ENVIRONMENTAL
Operation Temperature
-40°C to + 85°C
Storage Temperature
-40°C to + 85°C
Relative Humidity
40% to 95%


Similar Part No. - AP12F070045A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP12F070045A ETC2-AP12F070045A Datasheet
1Mb / 11P
   12mm Two Stage 25dB GPS Active Patch Antenna Module with front-end Saw Filter
More results

Similar Description - AP12F070045A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP12F070045A ETC2-AP12F070045A Datasheet
1Mb / 11P
   12mm Two Stage 25dB GPS Active Patch Antenna Module with front-end Saw Filter
logo
Taoglas antenna solutio...
AP12B070046A TAOGLAS-AP12B070046A Datasheet
565Kb / 9P
   12mm Two Stage Active GPS Patch Antenna
logo
List of Unclassifed Man...
AP12B070046A ETC2-AP12B070046A Datasheet
1Mb / 13P
   12mm Two Stage Active GPS Patch Antenna
AP25F070078A ETC2-AP25F070078A Datasheet
1Mb / 11P
   25mm Two Stage GPS Active Patch Antenna Module with front-end Saw Filter
logo
Taoglas antenna solutio...
AGGBP25B070060A TAOGLAS-AGGBP25B070060A Datasheet
1Mb / 13P
   25x25mm Two Stage GPS-GLONASS-GALILEO-BeiDou Embedded Active Patch Antenna Module with Front-End SAW Filter
logo
List of Unclassifed Man...
AGGP25F070060A ETC2-AGGP25F070060A Datasheet
1Mb / 11P
   25mm Two Stage GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
logo
Taoglas antenna solutio...
AGGP25F070060A TAOGLAS-AGGP25F070060A Datasheet
716Kb / 9P
    25mm Two Stage GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
AGGBP25A070060A TAOGLAS-AGGBP25A070060A Datasheet
1Mb / 13P
   25x25mm One Stage GPS-Galileo-Glonass-BeiDou Embedded Active Patch Antenna Module with Front-End SAW Filter
logo
List of Unclassifed Man...
AP17E070064A ETC2-AP17E070064A Datasheet
1Mb / 11P
   17mm One Stage GPS Active Patch Antenna Module with Front End SAW Filter
AP25M070080A ETC2-AP25M070080A Datasheet
1Mb / 12P
   25mm One Stage GPS Active Patch Antenna Module with front-end Saw Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com