Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS91718 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS91718
Description  Low EMI, Spread Modulating, Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS91718 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS91718 Datasheet HTML 1Page - Integrated Circuit Systems ICS91718 Datasheet HTML 2Page - Integrated Circuit Systems ICS91718 Datasheet HTML 3Page - Integrated Circuit Systems ICS91718 Datasheet HTML 4Page - Integrated Circuit Systems ICS91718 Datasheet HTML 5Page - Integrated Circuit Systems ICS91718 Datasheet HTML 6Page - Integrated Circuit Systems ICS91718 Datasheet HTML 7Page - Integrated Circuit Systems ICS91718 Datasheet HTML 8Page - Integrated Circuit Systems ICS91718 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ICS91718
0500D—07/15/04
Pin Descriptions
PIN
#
PIN NAME
PIN
TYPE
DESCRIPTION
1
CLKIN
IN
Input clock
2
VDD
PWR
Power supply, nominal 3.3V
3
GND
PWR
Ground pin.
4
**CLKOUT/FS_IN0
I/O
CLKOUT modulated clock output
FS_IN0 latched input, selects modulation percentage/type
5
REF_OUT/FS_IN1**
I/O
REF_OUT, unmodulated reference clock output
FS_IN1 latched input, selects modulation percentage/type
6
SDATA
I/O
Data pin for I2C circuitry 5V tolerant
7
SCLK
IN
Clock pin of I2C circuitry 5V tolerant
8PD#*
IN
Asynchronous active low input pin used to power down the device into a
low power state. The internal clocks are disabled and the VCO and the
crystal are stopped. The latency of the power down will not be greater
than 1.8ms.
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor


Similar Part No. - ICS91718

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS91718 RENESAS-ICS91718 Datasheet
301Kb / 12P
   Low EMI, Spread Modulating, Clock Generator
2019
ICS91718YGLF-T RENESAS-ICS91718YGLF-T Datasheet
301Kb / 12P
   Low EMI, Spread Modulating, Clock Generator
2019
ICS91718YMLF-T RENESAS-ICS91718YMLF-T Datasheet
301Kb / 12P
   Low EMI, Spread Modulating, Clock Generator
2019
More results

Similar Description - ICS91718

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS91730 IDT-ICS91730 Datasheet
165Kb / 11P
   LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
logo
Renesas Technology Corp
ICS91720 RENESAS-ICS91720 Datasheet
270Kb / 12P
   Low EMI, Spread Modulating, Clock Generator
2019
logo
Integrated Circuit Syst...
ICS91720 ICST-ICS91720 Datasheet
91Kb / 11P
   Low EMI, Spread Modulating, Clock Generator
logo
Renesas Technology Corp
ICS91719 RENESAS-ICS91719 Datasheet
307Kb / 11P
   Low EMI, Spread Modulating, Clock Generator
2019
ICS91730 RENESAS-ICS91730 Datasheet
334Kb / 12P
   LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
2019
logo
Integrated Circuit Syst...
ICS91730 ICST-ICS91730 Datasheet
128Kb / 11P
   Low EMI, Spread Modulating, Clock Generator
ICS91719 ICST-ICS91719 Datasheet
76Kb / 10P
   Low EMI, Spread Modulating, Clock Generator
logo
Renesas Technology Corp
ICS91718 RENESAS-ICS91718 Datasheet
301Kb / 12P
   Low EMI, Spread Modulating, Clock Generator
2019
logo
Cypress Semiconductor
FS791 CYPRESS-FS791 Datasheet
143Kb / 9P
   Low EMI Spectrum Spread Clock
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
   Low EMI Spectrum Spread Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com