Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS93716 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS93716
Description  Low Cost DDR Phase Lock Loop Clock Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93716 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS93716 Datasheet HTML 4Page - Integrated Circuit Systems ICS93716 Datasheet HTML 5Page - Integrated Circuit Systems ICS93716 Datasheet HTML 6Page - Integrated Circuit Systems ICS93716 Datasheet HTML 7Page - Integrated Circuit Systems ICS93716 Datasheet HTML 8Page - Integrated Circuit Systems ICS93716 Datasheet HTML 9Page - Integrated Circuit Systems ICS93716 Datasheet HTML 10Page - Integrated Circuit Systems ICS93716 Datasheet HTML 11Page - Integrated Circuit Systems ICS93716 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
ICS93716
0420E—04/01/03
(N is a large number of samples)
t ( ) n+1
t () n
t ()=
1
n= N
t () n
N
CLK_INC
CLK_INT
FB_INC
FB_INT
t(skew)
Y #
X
Y , FB_OUTC
X
Y , FB_OUTT
X
Y , FB_OUTC
X
Y , FB_OUTT
X
Y , FB_OUTC
X
Y , FB_OUTT
X
YX
Parameter Measurement Information
Figure 4. Static Phase Offset
Figure 5. Output Skew
1
fO
t
=
t
-
(jit_per)
t
c(n)
C(n)
1
fO
Figure 6. Period Jitter


Similar Part No. - ICS93716

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS93716 RENESAS-ICS93716 Datasheet
319Kb / 14P
   Low Cost DDR Phase Lock Loop Clock Driver
2019
More results

Similar Description - ICS93716

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS93716 RENESAS-ICS93716 Datasheet
319Kb / 14P
   Low Cost DDR Phase Lock Loop Clock Driver
2019
logo
Integrated Circuit Syst...
ICS93V850 ICST-ICS93V850 Datasheet
167Kb / 8P
   DDR Phase Lock Loop Clock Driver
ICS93V855 ICST-ICS93V855 Datasheet
66Kb / 9P
   DDR Phase Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS93V855I RENESAS-ICS93V855I Datasheet
304Kb / 10P
   DDR Phase Lock Loop Clock Driver
2019
logo
Integrated Circuit Syst...
ICS93701 ICST-ICS93701 Datasheet
175Kb / 9P
   DDR Phase Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS93701 RENESAS-ICS93701 Datasheet
3Mb / 9P
   DDR Phase Lock Loop Clock Driver
2019
ICS95V850 RENESAS-ICS95V850 Datasheet
327Kb / 11P
   DDR Phase Lock Loop Clock Driver (60MHz - 210MHz)
2019
logo
Integrated Circuit Syst...
ICS95V842I ICST-ICS95V842I Datasheet
93Kb / 9P
   DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
ICS95V842 ICST-ICS95V842 Datasheet
80Kb / 9P
   DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
logo
Renesas Technology Corp
ICS95V842 RENESAS-ICS95V842 Datasheet
263Kb / 10P
   DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com