Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGGBP25B070060A Datasheet(PDF) 8 Page - Taoglas antenna solutions

Part # AGGBP25B070060A
Description  25x25mm Two Stage GPS-GLONASS-GALILEO-BeiDou Embedded Active Patch Antenna Module with Front-End SAW Filter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AGGBP25B070060A Datasheet(HTML) 8 Page - Taoglas antenna solutions

Back Button AGGBP25B070060A Datasheet HTML 4Page - Taoglas antenna solutions AGGBP25B070060A Datasheet HTML 5Page - Taoglas antenna solutions AGGBP25B070060A Datasheet HTML 6Page - Taoglas antenna solutions AGGBP25B070060A Datasheet HTML 7Page - Taoglas antenna solutions AGGBP25B070060A Datasheet HTML 8Page - Taoglas antenna solutions AGGBP25B070060A Datasheet HTML 9Page - Taoglas antenna solutions AGGBP25B070060A Datasheet HTML 10Page - Taoglas antenna solutions AGGBP25B070060A Datasheet HTML 11Page - Taoglas antenna solutions AGGBP25B070060A Datasheet HTML 12Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SPE-15-8-022/A/WY Page 8 of 13
5.2
2D Radiation Pattern
XY Plane
ZX Plane


Similar Part No. - AGGBP25B070060A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AGGBP25A070060A TAOGLAS-AGGBP25A070060A Datasheet
1Mb / 13P
   25x25mm One Stage GPS-Galileo-Glonass-BeiDou Embedded Active Patch Antenna Module with Front-End SAW Filter
More results

Similar Description - AGGBP25B070060A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AGGBP25A070060A TAOGLAS-AGGBP25A070060A Datasheet
1Mb / 13P
   25x25mm One Stage GPS-Galileo-Glonass-BeiDou Embedded Active Patch Antenna Module with Front-End SAW Filter
logo
List of Unclassifed Man...
AGGP25F070060A ETC2-AGGP25F070060A Datasheet
1Mb / 11P
   25mm Two Stage GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
logo
Taoglas antenna solutio...
AGGP25F070060A TAOGLAS-AGGP25F070060A Datasheet
716Kb / 9P
    25mm Two Stage GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
AGGP35F070060A TAOGLAS-AGGP35F070060A Datasheet
893Kb / 10P
   35mm Two Stage 28dB GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
logo
List of Unclassifed Man...
AGGP35F070060A ETC2-AGGP35F070060A Datasheet
1Mb / 12P
   35mm Two Stage 28dB GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
logo
AVX Corporation
1004322 AVX-1004322 Datasheet
583Kb / 3P
   GPS/GLONASS/Beidou/Galileo Patch Antenna
9/27/2021
logo
List of Unclassifed Man...
AP25F070078A ETC2-AP25F070078A Datasheet
1Mb / 11P
   25mm Two Stage GPS Active Patch Antenna Module with front-end Saw Filter
logo
Taoglas antenna solutio...
AP12F070045A TAOGLAS-AP12F070045A Datasheet
716Kb / 8P
   12mm Two Stage 23dB GPS/GALILEO Active Patch Antenna Module with Front-edn Saw filter
logo
List of Unclassifed Man...
AP12F070045A ETC2-AP12F070045A Datasheet
1Mb / 11P
   12mm Two Stage 25dB GPS Active Patch Antenna Module with front-end Saw Filter
AP17E070064A ETC2-AP17E070064A Datasheet
1Mb / 11P
   17mm One Stage GPS Active Patch Antenna Module with Front End SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com