Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAB616 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # CAB616
Description  Taoglas Cable Assembly IPEX MHFI to SMA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CAB616 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  CAB616 Datasheet HTML 1Page - Taoglas antenna solutions CAB616 Datasheet HTML 2Page - Taoglas antenna solutions CAB616 Datasheet HTML 3Page - Taoglas antenna solutions CAB616 Datasheet HTML 4Page - Taoglas antenna solutions CAB616 Datasheet HTML 5Page - Taoglas antenna solutions CAB616 Datasheet HTML 6Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPE-15-8-042/B/WY
Page 3 of 6
2.2 Structure and Dimensions
 Material – Silver Coated
Copper
 30AWG(7/0.102mm)
Diameter - 0.31mm
 Material – FEP
 Avg. Thickness- 0.30mm
 Diameter – 0.92  0.03mm
 Color - Clear
 Material–Tinned-Coated Copper
 Structure –
16/6/0.050mm±0.003
 Coverage – 95%
 Diameter – 1.15  0.05mm
Material – FEP
 Avg. Thickness- 0.13mm
 Diameter – 1.37  0.05mm
 Color – Grey GY-08/Black


Similar Part No. - CAB616

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
CAB610 GAMEWELL-FCI-CAB610 Datasheet
81Kb / 3P
   Analog Addressable Control Panel
CAB610-XL GAMEWELL-FCI-CAB610-XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
logo
List of Unclassifed Man...
CAB618C ETC2-CAB618C Datasheet
268Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
logo
Taoglas antenna solutio...
CAB618C TAOGLAS-CAB618C Datasheet
266Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
More results

Similar Description - CAB616

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
CAB011 TAOGLAS-CAB011 Datasheet
371Kb / 6P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 95m 1.13 cable
logo
List of Unclassifed Man...
CAB011 ETC2-CAB011 Datasheet
228Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 95mm 1.13 cable
CAB618C ETC2-CAB618C Datasheet
268Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
logo
Taoglas antenna solutio...
CAB618C TAOGLAS-CAB618C Datasheet
266Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
CAB628 TAOGLAS-CAB628 Datasheet
326Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to RP-SMA(F)Bulkhead Straight Connector with 95mm 1.13 cable
logo
List of Unclassifed Man...
CAB622 ETC2-CAB622 Datasheet
320Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to RP-SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
CAB628 ETC2-CAB628 Datasheet
329Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to RP-SMA(F)Bulkhead Straight Connector with 95mm 1.13 cable
logo
Taoglas antenna solutio...
CAB622 TAOGLAS-CAB622 Datasheet
317Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to RP-SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
logo
List of Unclassifed Man...
CAB695 ETC2-CAB695 Datasheet
1Mb / 6P
   Taoglas Cable Assembly IPEX MHFI to FME Bulkhead Straight Jack RG-178 100mm DC-200MHz
logo
Taoglas antenna solutio...
CAB695 TAOGLAS-CAB695 Datasheet
1Mb / 6P
   Taoglas Cable Assembly IPEX MHFI to FME Bulkhead Straight Jack RG-178 100mm DC-200MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com