Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAB695 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # CAB695
Description  Taoglas Cable Assembly IPEX MHFI to FME Bulkhead Straight Jack RG-178 100mm DC-200MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CAB695 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  CAB695 Datasheet HTML 1Page - Taoglas antenna solutions CAB695 Datasheet HTML 2Page - Taoglas antenna solutions CAB695 Datasheet HTML 3Page - Taoglas antenna solutions CAB695 Datasheet HTML 4Page - Taoglas antenna solutions CAB695 Datasheet HTML 5Page - Taoglas antenna solutions CAB695 Datasheet HTML 6Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPE-13-8-084/A/WY |
page 4 of 6
2.3 Electrical & Physical Specification
Specification
Item
30 AWG
Rating Temp Voltage
105°C 30V UL 1979
Insulation Resistance
3000 MEGA OHM-KM Min.
Conductor Resistance
838 OHM/KM/20°C Max.
Dielectric Strength
AC 1.0 KV/minute
Spark test
2.5 KV
Insulation
Unaged
Tensile Strength
2500 PSI Min. (1.76Kg/mm²)
Elongation
200% min.
Aged
Tensile Strength
Unaged Min 75% (168HRS*232°C)
Elongation
Unaged Min 75% (168HRS*232°C)
Jacket
Unaged
Tensile Strength
2500 PSI Min. (1.76Kg/mm²)
Elongation
200% min.
Aged
Tensile Strength
Unaged Min 75% (168HRS*232°C)
Elongation
Unaged Min 75% (168HRS*232°C)
Nom. Impedance
50 ± 3 Ohms
Nom. Capacitance
95.8 ± 3 pF/m
Nom. Vel. Of Prop.
69.5%
VSWR (0-6GHz)
Max 1.3
Attenuation (dB/1M)
1.0GHz
1.70
2.0GHz
2.50
3.0GHz
3.20
4.0GHz
3.60
5.0GHz
3.95
6.0GHz
4.80


Similar Part No. - CAB695

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAB695 ETC2-CAB695 Datasheet
1Mb / 6P
   Taoglas Cable Assembly IPEX MHFI to FME Bulkhead Straight Jack RG-178 100mm DC-200MHz
More results

Similar Description - CAB695

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAB695 ETC2-CAB695 Datasheet
1Mb / 6P
   Taoglas Cable Assembly IPEX MHFI to FME Bulkhead Straight Jack RG-178 100mm DC-200MHz
logo
Taoglas antenna solutio...
CAB616 TAOGLAS-CAB616 Datasheet
363Kb / 6P
   Taoglas Cable Assembly IPEX MHFI to SMA
CAB0121 TAOGLAS-CAB0121 Datasheet
385Kb / 5P
   Taoglas Cable Assembly SMA Bulkhead Jack Straight to FME Straight
CAB011 TAOGLAS-CAB011 Datasheet
371Kb / 6P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 95m 1.13 cable
logo
List of Unclassifed Man...
CAB011 ETC2-CAB011 Datasheet
228Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 95mm 1.13 cable
CAB618C ETC2-CAB618C Datasheet
268Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
logo
Taoglas antenna solutio...
CAB618C TAOGLAS-CAB618C Datasheet
266Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
CAB628 TAOGLAS-CAB628 Datasheet
326Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to RP-SMA(F)Bulkhead Straight Connector with 95mm 1.13 cable
logo
List of Unclassifed Man...
CAB622 ETC2-CAB622 Datasheet
320Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to RP-SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
CAB628 ETC2-CAB628 Datasheet
329Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to RP-SMA(F)Bulkhead Straight Connector with 95mm 1.13 cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com