Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2022TJG03-GB Datasheet(PDF) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2022TJG03-GB
Description  General Specifications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2022TJG03-GB Datasheet(HTML) 11 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2022TJG03-GB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2022TJG03-GB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2022TJG03-GB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2022TJG03-GB Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. M2022TJG03-GB Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. M2022TJG03-GB Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. M2022TJG03-GB Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. M2022TJG03-GB Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. M2022TJG03-GB Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Series M
Bracket PC Mount Miniature Rockers
B72
B
www.nkkswitches.com
TX
TYPICAL SWITCH
ORDERING EXAMPLE
M20
Contact Materials & Ratings
W
Silver; Rated
6A @ 125V AC & 3A @ 250V AC
G
Gold; Rated
0.4VA max @ 28V AC/DC max
A
Gold over Silver; Rated
6A @ 125V AC & 0.4VA max @
28V AC/DC max
G
1
3
Circuits
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
8 (ON)
OFF
(ON)
9
ON
OFF
(ON)
4
ON
ON
ON
6 (ON)
ON
(ON)
7
ON
ON
(ON)
( ) = Momentary
3-ON circuits
*
*
*
*
Mounting Frames
TX
Narrow Frame
for Small Actuator
TZ
Wide Frame
for Large Actuator
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2013TXG41-DC
Poles
1
SPDT
2
DPDT
SP3T
3
3PDT (used only
with terminal codes
30 & 41 & frame
code TX)
4
4PDT
DP3T
(used only with
terminal code 41 &
frame code TX)
SPDT
ON-OFF-ON Circuit
TX Frame with .365” (9.27mm)
Wide Red Rocker
Gold Contacts with
0.4VA Rating
.150” (3.81mm)
Vertical PC Terminals with Support


Similar Part No. - M2022TJG03-GB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2022TNA NKK-M2022TNA Datasheet
332Kb / 10P
   Miniature Rockers
M2022TNG NKK-M2022TNG Datasheet
332Kb / 10P
   Miniature Rockers
M2022TNW NKK-M2022TNW Datasheet
332Kb / 10P
   Miniature Rockers
M2022TYA NKK-M2022TYA Datasheet
332Kb / 10P
   Miniature Rockers
M2022TYG NKK-M2022TYG Datasheet
332Kb / 10P
   Miniature Rockers
More results

Similar Description - M2022TJG03-GB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com