Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

408JE-101-RoHS Datasheet(PDF) 2 Page - DDK Ltd.

Part # 408JE-101-RoHS
Description  GP-IB Cable Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

408JE-101-RoHS Datasheet(HTML) 2 Page - DDK Ltd.

  408JE-101-RoHS Datasheet HTML 1Page - DDK Ltd. 408JE-101-RoHS Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm
408JE Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
2
○ 408JE-1 □□ -RoHS(Double-ended Cable Assembly)
Signal Name
Color of Cable
Contact No.
Signal Name
Color of Cable
Contact No.
DIO 1
Brown
1
DIO  5
White / Orange
13
DIO 2
Red
2
DIO  6
White / Yellow
14
DIO 3
Orange
3
DIO  7
White / Green
15
DIO 4
Yellow
4
DIO  8
White / Blue
16
EOI(24)
Blue
5
REN(24)
Green
17
DAV
Purple
6
Gnd,(6)
White / Black / Brown
18
NRFD
Gray
7
Gnd,(7)
White / Black / Red
19
NDAC
White
8
Gnd,(8)
White / Black / Orange
20
IFC
White / Black
9
Gnd,(9)
White / Balack / Yellow
21
SRQ
White / Brown
10
Gnd,(10)
White / Black / Green
22
ATN
White / Red
11
Gnd,(11)
White / Black / Blue
23
SHIEL
Shield
12, Hood
Gnd,LOGI
White / Purple, White / Gray
24
L
Part Number
1m
408JE-101-RoHS
2m
408JE-102-RoHS
4m
408JE-104-RoHS
L
Part Number
1m
408JE-101S-RoHS
2m
408JE-102S-RoHS
4m
408JE-104S-RoHS
○ 408JE-1 □□ S-RoHS(Single-ended Cable Assembly)
Pin Layout
L
77.5
2-M3.5 0.6 Screw
Plug(57-10240)
Receptacle(57-20240)
L
50.0
77.5
2-M3.5 0.6 Screw


Similar Part No. - 408JE-101-RoHS

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
408JE-101 DDK-408JE-101 Datasheet
211Kb / 3P
   GP-IB Cable Assembly EMI/RFI Shielding Version
408JE-101S DDK-408JE-101S Datasheet
211Kb / 3P
   GP-IB Cable Assembly EMI/RFI Shielding Version
More results

Similar Description - 408JE-101-RoHS

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
408JE DDK-408JE Datasheet
211Kb / 3P
   GP-IB Cable Assembly EMI/RFI Shielding Version
logo
PHOENIX CONTACT
2878476 PHOENIX-2878476 Datasheet
67Kb / 3P
   Adapter cable - IB IL MUX-CAB PSI
09/12/2020
logo
List of Unclassifed Man...
B41821 ETC1-B41821 Datasheet
549Kb / 17P
   Single Ended GP - Capacitors
logo
Hammond Manufacturing L...
1551F HAMMOND-1551F Datasheet
297Kb / 1P
   Purchased assembly includes lid and box made from GP ABS material
logo
PHOENIX CONTACT
2700620 PHOENIX-2700620 Datasheet
51Kb / 2P
   Configuration cable - IB IL CAN-MA CONF-CAB
09/12/2020
logo
TDK Electronics
SD0201SL-S-GP103 TDK-SD0201SL-S-GP103 Datasheet
385Kb / 13P
   General purpose (GP) type
2021-12-07 Version: P4
logo
GPB International Limit...
GP24G GP-GP24G Datasheet
1Mb / 1P
   GP Green Carbon Zinc Battery
GP186F GP-GP186F Datasheet
2Mb / 1P
   GP Alkaline Cell Battery 1.5 Volts
GPCR2430 GP-GPCR2430 Datasheet
1Mb / 1P
   GP Lithium Cell Battery 3 Volts
GPPX625AF GP-GPPX625AF Datasheet
2Mb / 1P
   GP Alkaline Cell Battery 1.5 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com