Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICX424AL Datasheet(PDF) 10 Page - Sony Corporation

Part # ICX424AL
Description  Diagonal 6mm (Type 1/3) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for B/W Cameras
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX424AL Datasheet(HTML) 10 Page - Sony Corporation

Back Button ICX424AL Datasheet HTML 6Page - Sony Corporation ICX424AL Datasheet HTML 7Page - Sony Corporation ICX424AL Datasheet HTML 8Page - Sony Corporation ICX424AL Datasheet HTML 9Page - Sony Corporation ICX424AL Datasheet HTML 10Page - Sony Corporation ICX424AL Datasheet HTML 11Page - Sony Corporation ICX424AL Datasheet HTML 12Page - Sony Corporation ICX424AL Datasheet HTML 13Page - Sony Corporation ICX424AL Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
– 10 –
ICX424AL
1. Progressive scan mode
In this mode, all pixel signals are output in non-interlace format in 1/60s.
All pixel signals within the same exposure period are read out simultaneously, making this mode suitable for
high resolution image capturing.
2. Field readout mode
All pixels are readout, 2-line transfer is performed during H blanking period and 2 pixels are added by
horizontal register. (However, guarantees only at the time of a 12MHz drive.)
Image sensor readout mode
The diagram below shows the output methods for the following three readout modes.
(1) Progressive scan mode
(2) Field readout mode
VOUT
3. Center scan mode
This is the center scan mode using the progressive scan method.
The undesired portions are swept by vertical register high-speed transfer, and the picture center portion is
cut out.
There are the mode (120 frames/s) which outputs 222 lines of an output line portion, and the mode
(240 frames/s) which outputs 76 lines.
(3) Center scan mode
Undesired portions (Swept by vertical register high-speed transfer)
Picture center cut-out portion
VOUT


Similar Part No. - ICX424AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX424AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX084AL SONY-ICX084AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AK SONY-ICX205AK Datasheet
304Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX204AL SONY-ICX204AL Datasheet
268Kb / 22P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX204AK SONY-ICX204AK Datasheet
280Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX084AK SONY-ICX084AK Datasheet
201Kb / 18P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AL SONY-ICX414AL Datasheet
278Kb / 30P
   Diagonal 8mm Progressive Scan CCD Solid-state Image Sensor with Square Pixel for EIA B/W Cameras
ICX415AL SONY-ICX415AL Datasheet
282Kb / 30P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com