Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30U334M1-F Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # M30U334M1-F
Description  Multilayer Ceramic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

M30U334M1-F Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  M30U334M1-F Datasheet HTML 1Page - Cornell Dubilier Electronics M30U334M1-F Datasheet HTML 2Page - Cornell Dubilier Electronics M30U334M1-F Datasheet HTML 3Page - Cornell Dubilier Electronics M30U334M1-F Datasheet HTML 4Page - Cornell Dubilier Electronics M30U334M1-F Datasheet HTML 5Page - Cornell Dubilier Electronics M30U334M1-F Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type M15 to M50 Multilayer Ceramic Capacitors
RoHS Compliant
Ratings
Z5U Temperature Coefficient
50 Vdc
Catalog
Sizes (Inches)
Catalog
Sizes (Inches)
Catalog
Sizes (Inches)
Part Number
Cap
L
H
T
S
Part Number
Cap
L
H
T
S
Part Number Cap
L
H
T
S
M15U472*5-F 4700 pF .150 .210 .130 .100 M15U683*5-F
.068 uF .150 .210 .130 .100 M20U474*5-F .47 uF .200 .260 .150 .100
M15U562*5-F 5600 pF .150 .210 .130 .100 M20U683*5-F
.068 uF .200 .260 .150 .100 M22U474*5-F .47 uF .200 .260 .150 .200
M15U682*5-F 6800 pF .150 .210 .130 .100 M22U683*5-F
.068 uF .200 .260 .150 .200 M30U474*5-F .47 uF .300 .360 .200 .200
M15U822*5-F 8200 pF .150 .210 .130 .100 M20U823*5-F
.082 uF .200 .260 .150 .100 M20U564*5-F .56 uF .200 .260 .150 .100
M15U103*5-F .010 uF .150 .210 .130 .100 M22U823*5-F
.082 uF .200 .260 .150 .200 M22U564*5-F .56 uF .200 .260 .150 .200
M15U123*5-F .012 uF .150 .210 .130 .100 M15U104*5-F
.10 uF .150 .210 .130 .100 M30U564*5-F .56 uF .300 .360 .200 .200
M15U153*5-F .015 uF .150 .210 .130 .100 M20U104*5-F
.10 uF .200 .260 .150 .100 M30U684*5-F .68 uF .300 .360 .200 .200
M15U183*5-F .018 uF .150 .210 .130 .100 M22U104*5-F
.10 uF .200 .260 .150 .200 M30U824*5-F .82 uF .300 .360 .200 .200
M15U223*5-F .022 uF .150 .210 .130 .100 M20U124*5-F
.12 uF .200 .260 .150 .100 M30U105*5-F 1.0 uF .300 .360 .200 .200
M15U273*5-F .027 uF .150 .210 .130 .100 M22U124*5-F
.12 uF .200 .260 .150 .200 M30U125*5-F 1.2 uF .300 .360 .200 .200
M20U273*5-F .027 uF .200 .260 .150 .100 M20U154*5-F
.15 uF .200 .260 .150 .100 M40U125*5-F 1.2 uF .400 .460 .200 .200
M22U273*5-F .027 uF .200 .260 .150 .200 M22U154*5-F
.15 uF .200 .260 .150 .200 M30U155*5-F 1.5 uF .300 .360 .200 .200
M15U333*5-F .033 uF .150 .210 .130 .100 M20U184*5-F
.18 uF .200 .260 .150 .100 M40U155*5-F 1.5 uF .400 .460 .200 .200
M20U333*5-F .033 uF .200 .260 .150 .100 M22U184*5-F
.18 uF .200 .260 .150 .200 M30U185*5-F 1.8 uF .300 .360 .200 .200
M22U333*5-F .033 uF .200 .260 .150 .200 M20U224*5-F
.22 uF .200 .260 .150 .100 M40U185*5-F 1.8 uF .400 .460 .200 .200
M15U393*5-F .039 uF .150 .210 .130 .100 M22U224*5-F
.22 uF .200 .260 .150 .200 M40U225*5-F 2.2 uF .400 .460 .200 .200
M20U393*5-F .039 uF .200 .260 .150 .100 M20U274*5-F
.27 uF .200 .260 .150 .100 M40U275*5-F 2.7 uF .400 .460 .200 .200
M22U393*5-F .039 uF .200 .260 .150 .200 M22U274*5-F
.27 uF .200 .260 .150 .200 M40U335*5-F 3.3 uF .400 .460 .200 .200
M15U473*5-F .047 uF .150 .210 .130 .100 M30U274*5-F
.27 uF .300 .360 .200 .200 M40U395*5-F 3.9 uF .400 .460 .200 .200
M20U473*5-F .047 uF .200 .260 .150 .100 M20U334*5-F
.33 uF .200 .260 .150 .100 M50U395*5-F 3.9 uF .500 .560 .250 .400
M22U473*5-F .047 uF .200 .260 .150 .200 M22U334*5-F
.33 uF .200 .260 .150 .200 M40U475*5-F 4.7 uF .400 .460 .200 .200
M15U563*5-F .056 uF .150 .210 .130 .100 M30U334*5-F
.33 uF .300 .360 .200 .200 M50U475*5-F 4.7 uF .500 .560 .250 .400
M20U563*5-F .056 uF .200 .260 .150 .100 M20U394*5-F
.39 uF .200 .260 .150 .100 M50U565*5-F 5.6 uF .500 .560 .250 .400
M22U563*5-F .056 uF .200 .260 .150 .200 M22U394*5-F
.39 uF .200 .260 .150 .200 M50U685*5-F 6.8 uF .500 .560 .250 .400
Add 'TR' to end of part number for Tape & Reel
M30U394*5-F
.39 uF .300 .360 .200 .200 *Insert proper letter symbol for tolerance
M15, M20, M22 - 2,500 per reel
K = 10%; M = ±20%
M30 - 1,500 per reel Full reels only on all
M40 - 1,000 per reel; sizes.
M50 - N/A
Outline Drawing
M15
M20
M22*
M30
M40
M50
T
Max
d
+.004
-.001
.060
(1.52)
Max
H
Max
.276
(7.00)
Min
L
Max
S
.030
Longer lead
lengths are
available
*M22 Leads are
formed to .200"
spacing.
d= .020" M15 - M40
.025" M50
M30 Z5U 100 V 104 - 334 leads are formed to .200”
M30 X7R 50 V 154-105 leads are formed to .200”


Similar Part No. - M30U334M1-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M30U3341 ETC1-M30U3341 Datasheet
39Kb / 4P
   Multilayer Ceramic Capacitors
M30U3345 ETC1-M30U3345 Datasheet
39Kb / 4P
   Multilayer Ceramic Capacitors
More results

Similar Description - M30U334M1-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com