Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

382LX124M016B052V Datasheet(PDF) 9 Page - Cornell Dubilier Electronics

Part # 382LX124M016B052V
Description  2, 4 and 5 pin styles available
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

382LX124M016B052V Datasheet(HTML) 9 Page - Cornell Dubilier Electronics

Back Button 382LX124M016B052V Datasheet HTML 4Page - Cornell Dubilier Electronics 382LX124M016B052V Datasheet HTML 5Page - Cornell Dubilier Electronics 382LX124M016B052V Datasheet HTML 6Page - Cornell Dubilier Electronics 382LX124M016B052V Datasheet HTML 7Page - Cornell Dubilier Electronics 382LX124M016B052V Datasheet HTML 8Page - Cornell Dubilier Electronics 382LX124M016B052V Datasheet HTML 9Page - Cornell Dubilier Electronics 382LX124M016B052V Datasheet HTML 10Page - Cornell Dubilier Electronics 382LX124M016B052V Datasheet HTML 11Page - Cornell Dubilier Electronics 382LX124M016B052V Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Type 380LX / 382LX 85 °C High Capacitance, Snap-In Aluminum
2, 4 and 5 pin styles available
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +85°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
250 Vdc (300 Vdc Surge)
270
380LX271M250H022
0.620
0.250
1.30
1.80
22 x 30
330
380LX331M250H042
0.600
0.300
1.66
2.32
22 x 40
330
380LX331M250J022
0.550
0.220
1.80
2.50
25 x 30
390
380LX391M250J032
0.510
0.260
1.91
2.67
25 x 35
470
380LX471M250J032
0.420
0.190
2.11
2.95
25 x 35
470
380LX471M250J042
0.039
1.550
2.10
3.00
25 x 40
560
380LX561M250J032
0.360
0.160
2.25
3.15
25 x 35
560
380LX561M250K022
0.326
0.130
2.30
3.20
30 x 30
680
380LX681M250J452
0.270
0.110
2.50
3.50
25 x 45
680
380LX681M250K032
0.268
0.107
2.50
3.50
30 x 35
820
380LX821M250K042
0.222
0.089
2.80
3.90
30 x 40
820
380LX821M250A022
0.222
0.089
2.80
3.90
35 x 30
1000
380LX102M250K452
0.182
0.073
3.32
4.65
30 x 45
1000
380LX102M250A032
0.182
0.073
3.32
4.65
35 x 35
1200
380LX122M250A042
0.166
0.083
3.53
4.94
35 x 40
1500
380LX152M250A052
0.133
0.068
4.00
5.70
35 x 50
1500 382LX152M250N042
0.133
0.066
4.04
5.66
40 x 40
1800
380LX182M250A062
0.110
0.055
4.50
6.30
35 x 63
1800 382LX182M250N052
0.110
0.055
4.50
6.30
40 x 50
1800
382L182M250N062
0.062
0.030
4.80
6.40
40 x 63
2200
380LX222M250A062
0.090
0.045
4.70
6.60
35 x 63
2200
380LX222M250A082
0.090
0.045
4.90
6.90
35 x 80
2200 382LX222M250N062
0.090
0.045
4.90
6.90
40 x 63
2700
380LX272M250A082
0.074
0.037
5.60
7.90
35 x 80
2700 382LX272M250N062
0.074
0.037
5.80
8.10
40 x 63
2700
382L272M250N082
0.043
0.021
6.30
8.40
40 x 80
2700 382LX272M250B052V
0.074
0.037
6.77
7.79
50 x 50
3300 382LX332M250N082
0.060
0.030
7.00
9.80
40 x 80
3300 382LX332M250B062V
0.060
0.030
7.79
10.91
50 x 63
3900 382LX392M250N082
0.051
0.026
7.35
10.30
40 x 80
3900 380LX392M250N102
0.060
0.040
7.47
10.46
40 x 105
4700 382LX472M250N102
0.042
0.021
8.88
12.43
40 x 105
4700 382LX472M250B082V
0.042
0.021
9.65
13.51
50 x 80
5600 382LX562M250B092V
0.036
0.018
10.80
15.12
50 x 92
6800 382LX682M250B102V
0.029
0.015
12.16
17.02
50 x 105
315 Vdc (365 Vdc Surge)
100
380LX101M315H012
1.930
1.020
0.90
1.30
22 x 25
120
380LX121M315H012
1.660
0.860
1.00
1.40
22 x 25
150
380LX151M315H022
1.330
0.600
1.10
1.60
22 x 30
180
380LX181M315H022
1.110
0.550
1.21
1.69
22 x 30
220
380LX221M315H032
0.900
0.450
1.41
1.97
22 x 35
270
380LX271M315J032
0.740
0.370
1.60
2.24
25 x 35
Cap.
(uF)
Catalog
Part Number
Max. ESR
Ripple Amps Nominal
@ +25°C
@ +85°C
Size
120 Hz 20 kHz 120 Hz 20 kHz
D x L
(ohms) (ohms)
(A)
(A)
(mm)
315 Vdc (365 Vdc Surge)
270
380LX271M315K022
0.737
0.376
1.60
2.20
30 x 30
330
380LX331M315J042
0.600
0.300
1.82
2.55
25 x 40
330
380LX331M315K022
0.603
0.308
1.80
2.50
30 x 30
390
380LX391M315J042
0.510
0.260
2.01
2.81
25 x 40
390
380LX391M315K032
0.510
0.260
2.00
2.80
30 x 35
390
380LX391M315A022
0.510
0.260
2.00
2.80
35 x 30
470
380LX471M315K042
0.423
0.216
2.30
3.20
30 x 40
470
380LX471M315A032
0.423
0.216
2.30
3.20
35 x 35
560
380LX561M315K452
0.355
0.181
2.60
3.60
30 x 45
560
380LX561M315A032
0.355
0.181
2.60
3.60
35 x 35
680
380LX681M315A452
0.293
0.149
2.90
4.00
35 x 45
820
380LX821M315A052
0.243
0.124
3.30
4.60
35 x 50
1000
380L102M315A062
0.218
0.129
2.70
3.60
35 x 63
1200
380L122M315A072
0.182
0.107
3.20
4.20
35 x 70
1200
382L122M315N052
0.202
0.122
2.90
3.90
40 x 50
1500
380L152M315A082
0.153
0.090
3.60
4.80
35 x 80
1500
382L152M315N062
0.162
0.098
3.40
4.50
40 x 63
1800
382L182M315N082
0.113
0.069
4.50
6.00
40 x 80
350 Vdc (400 Vdc Surge)
82
380LX820M350H012
2.430
1.240
0.83
1.16
22 x 25
100
380LX101M350H022
1.990
1.020
0.70
1.10
22 x 30
120
380LX121M350H022
1.660
0.750
1.00
1.40
22 x 30
150
380LX151M350H022
1.330
0.600
1.10
1.60
22 x 30
180
380LX181M350H022
1.110
0.500
1.20
1.70
22 x 30
220
380LX221M350H042
0.900
0.410
1.44
2.00
22 x 40
270
380LX271M350H452
0.740
0.380
1.66
2.32
22 x 45
270
380LX271M350K022
0.614
0.215
1.66
2.32
30 x 30
330
380LX331M350J042
0.600
0.300
1.88
2.63
25 x 40
330
380LX331M350K032
0.500
0.180
1.90
2.60
30 x 35
330
380LX331M350A022
0.500
0.180
1.90
2.60
35 x 30
390
380LX391M350J452
0.510
0.230
1.80
2.50
25 x 45
390
380LX391M350K042
0.425
0.149
2.06
2.88
30 x 40
390
380LX391M350A022
0.425
0.149
2.06
2.88
35 x 30
470
380LX471M350K052
0.390
0.140
2.40
3.40
30 x 50
470
380LX471M350A032
0.390
0.140
2.40
3.40
35 x 35
560
380LX561M350K052
0.326
0.114
2.60
3.64
30 x 50
560
380LX561M350A042
0.326
0.114
2.60
3.64
35 x 40
680
380LX681M350A452
0.293
0.117
2.96
4.14
35 x 45
680
382LX681M350N042
0.293
0.117
3.00
4.10
40 x 40
820
380LX821M350A052
0.243
0.097
3.55
4.97
35 x 50
1000
380LX102M350A062
0.250
0.110
3.80
5.30
35 x 63
1000
382LX102M350N052
0.250
0.110
3.80
5.30
40 x 50


Similar Part No. - 382LX124M016B052V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
382LX124M016B052V ETC2-382LX124M016B052V Datasheet
464Kb / 12P
   85 ?C High-Capacitance Snap-In
logo
Cornell Dubilier Electr...
382LX124M016B052V CDE-382LX124M016B052V Datasheet
464Kb / 12P
   High-Capacitance Snap-In
logo
List of Unclassifed Man...
382LX124M016B052V ETC2-382LX124M016B052V Datasheet
242Kb / 14P
   Type 380LX / 382LX 85 C High Capacitance, Snap-In Aluminum
logo
Cornell Dubilier Electr...
382LX124M016B052V CDE-382LX124M016B052V Datasheet
575Kb / 12P
   Latest available ratings, worldwide
382LX124M016B052V CDE-382LX124M016B052V Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
More results

Similar Description - 382LX124M016B052V

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
380LX CDE-380LX_18 Datasheet
1Mb / 12P
   2, 4 and 5 pin styles available
381LX221M200H012 CDE-381LX221M200H012 Datasheet
979Kb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
381LX CDE-381LX_17 Datasheet
1Mb / 11P
   High Ripple, Long Life, 2, 4 and 5 pin styles available
logo
Aries Electronics, Inc.
518 ARIES-518 Datasheet
730Kb / 2P
   Choose from Several Pin Styles
logo
Amphenol Corporation
RJCSE-5381-01 AMPHENOL-RJCSE-5381-01 Datasheet
3Mb / 5P
   Modular jacks available in RJ45 & RJ11 styles
logo
Alcoa international inc...
99-3303 ALCOA-99-3303 Datasheet
132Kb / 2P
   Blind Rivet W/2 Head Styles
99-3305 ALCOA-99-3305 Datasheet
133Kb / 2P
   Blind Rivet W/2 Head Styles
logo
Bourns Electronic Solut...
3296W-1-103LF BOURNS-3296W-1-103LF Datasheet
188Kb / 2P
   Multiturn / Cermet / Industrial / Sealed 5 terminal styles
logo
Grayhill, Inc
76RSB04T GRAYHILL-76RSB04T Datasheet
133Kb / 2P
   Raised and Recessed, Rocker and PIANO-DIP짰 Styles
logo
Alcoa international inc...
99-3306 ALCOA-99-3306 Datasheet
133Kb / 2P
   Blind Rivet W/2 Head Styles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com