Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFK227M16E16T-F Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # AFK227M16E16T-F
Description  Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK227M16E16T-F Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  AFK227M16E16T-F Datasheet HTML 1Page - Cornell Dubilier Electronics AFK227M16E16T-F Datasheet HTML 2Page - Cornell Dubilier Electronics AFK227M16E16T-F Datasheet HTML 3Page - Cornell Dubilier Electronics AFK227M16E16T-F Datasheet HTML 4Page - Cornell Dubilier Electronics AFK227M16E16T-F Datasheet HTML 5Page - Cornell Dubilier Electronics AFK227M16E16T-F Datasheet HTML 6Page - Cornell Dubilier Electronics AFK227M16E16T-F Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Type AFK –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Typical Performance Curves
Part Numbering System
AFK
106
M
16
B
12T
–F
Type Capacitance Capacitance
Voltage Code
Case Packaging Code
RoHS
105 = 1.0 µF
Tolerance 06 = 6.3 Vdc 35 = 35 Vdc Code 12 = Carrier tape
Compliant
106 = 10.0 µF
M = ±20%
10 = 10 Vdc 50 = 50 Vdc
Width (mm)
107 = 100.0 µF
16 = 16 Vdc 63 = 63 Vdc
T = Tape & Reel
108 = 1000.0 µF
25 = 25 Vdc 80 = 80 Vdc
B = Bulk
2A = 100
Vdc
AFK
106
M
16
B
12T
–F
Type AFK –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Part Numbering System
Type Capacitance Capacitance
108 = 1000.0 µF
Typical Performance Curves
Voltage Code
Case Packaging Code
RoHS
105 = 1.0 µF
Tolerance 06 = 6.3 Vdc 35 = 35 Vdc Code 12 = Carrier tape
Compliant
106 = 10.0 µF
M = ±20%
10 = 10 Vdc 50 = 50 Vdc
Width (mm)
107 = 100.0 µF
16 = 16 Vdc 63 = 63 Vdc
T = Tape & Reel
25 = 25 Vdc 80 = 80 Vdc
B = Bulk
2A = 100 Vdc
Capacitance vs. Temperature and Frequency
3300µF/6.3Vdc (12.5 x 13.5 mm)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
65°C
25°C
85°C
0°C
–40°C
45°C
–20°C
105
–55°C
.
10
100
1,000
10,000
100,000
1,000,000
Capacitance vs. Temperature & Frequency
100 µF @ 16 Vdc (6.3 X 5.8 mm)
1.2
65°C
25°C
85°C
0°C
105°C
–40°C
45°
–20°C
–55°C
1
0.8
0.6
0.4
0.2
0
10
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com.


Similar Part No. - AFK227M16E16T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK227M16E16T-F CDE-AFK227M16E16T-F Datasheet
487Kb / 7P
   SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 째C
AFK227M16E16T-F CDE-AFK227M16E16T-F Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
More results

Similar Description - AFK227M16E16T-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AFK687M63R44T-F CDE-AFK687M63R44T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK_V CDE-AFK_V Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK CDE-AFK_18 Datasheet
746Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK-V CDE-AFK-V Datasheet
1Mb / 8P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFK477M25G24T-F CDE-AFK477M25G24T-F Datasheet
487Kb / 7P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AFC CDE-AFC_17 Datasheet
726Kb / 4P
   Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
AHA CDE-AHA Datasheet
329Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AHA CDE-AHA_17 Datasheet
488Kb / 6P
   Long Life Filtering, Bypassing, Power Supply Decoupling
AVS CDE-AVS Datasheet
206Kb / 6P
   General Purpose Filtering, Bypassing, Power Supply Decoupling
HZA-V CDE-HZA-V Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com