Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-EL17-PS000 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HLMP-EL17-PS000
Description  T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EL17-PS000 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HLMP-EL17-PS000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EL17-PS000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EL17-PS000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EL17-PS000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EL17-PS000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EL17-PS000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-EL17-PS000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-EL17-PS000 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-EL17-PS000 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Figure 7. Representative Spatial Radiation Pattern for 23
° Viewing Angle Lamps.
Figure 8. Representative Spatial Radiation Pattern for 30
° Viewing Angle Lamps.
100
0
θ – ANGULAR DISPLACEMENT – DEGREES
80
60
50
70
20
10
30
40
90
-20
-15
-10
0
5
10
15
20
25
-25
-5
100
0
θ – ANGULAR DISPLACEMENT – DEGREES
80
60
50
70
20
10
30
40
90
-20
-15
-10
0
5
10
15
20
25
-25
-5
Bin
Name
Min.
Max.
K
310
400
L
400
520
M
520
680
N
680
880
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
V
4200
5500
W
5500
7200
X
7200
9300
Y
9300
12000
Z
12000
16000
Intensity Bin Limits
(mcd at 20 mA)
Tolerance for each bin limit is
± 15%.
Bin
Name
Min.
Max.
1
584.5
587.0
2
587.0
589.5
4
589.5
592.0
6
592.0
594.5
HLMP-xLxx Color Bin
Limits (nm at 20 mA)
Tolerance for each bin limit is
± 0.5 nm.
Note:
1. Bin categories are established for
classification of products. Products
may not be available in all bin
categories.


Similar Part No. - HLMP-EL17-PS000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-EL17-PS000 HP-HLMP-EL17-PS000 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
More results

Similar Description - HLMP-EL17-PS000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DL50 AVAGO-HLMP-DL50 Datasheet
56Kb / 4P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
logo
Agilent(Hewlett-Packard...
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com