Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60N06-18 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 60N06-18
Description  isc N-Channel MOSFET Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

60N06-18 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  60N06-18 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 60N06-18 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
60N06-18
·
DESCRIPTION
·
High current capability
·
Avalanche rugged technology
·
Low gate charge
·
Fast Switching Speed
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
·
APPLICATIONS
·
Regulator
·
High current,high speed switching
·
Solenoid and relay drivers
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
60
V
VGS
Gate-Source Voltage
±
20
V
ID
Drain Current-continuous@ TC=25℃
60
A
Drain Current-continuous@ TC=100℃
39
ID(puls)
Pulse Drain Current
120
A
Ptot
Total Dissipation@TC=25℃
150
W
Tj
Max. Operating Junction Temperature
175
Tstg
Storage Temperature Range
-55~175
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.25
/W
Rth j-a
Thermal Resistance, Junction to Ambient
62.5
/W


Similar Part No. - 60N06-18

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
60N06-14 ISC-60N06-14 Datasheet
276Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 60N06-18

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
60NF06 ISC-60NF06 Datasheet
94Kb / 2P
   isc N-Channel MOSFET Transistor
8N60 ISC-8N60 Datasheet
63Kb / 2P
   isc N-Channel Mosfet Transistor
MDP1922 ISC-MDP1922 Datasheet
338Kb / 2P
   isc N-Channel MOSFET Transistor
SUD25N15-52 ISC-SUD25N15-52 Datasheet
321Kb / 2P
   Isc N-Channel MOSFET Transistor
STW20NM50FD ISC-STW20NM50FD Datasheet
324Kb / 2P
   Isc N-Channel MOSFET Transistor
MMF80R450P ISC-MMF80R450P Datasheet
313Kb / 2P
   Isc N-Channel MOSFET Transistor
SPI21N50C3 ISC-SPI21N50C3 Datasheet
355Kb / 3P
   Isc N-Channel MOSFET Transistor
2SK1162 ISC-2SK1162 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
2N7000 ISC-2N7000 Datasheet
312Kb / 2P
   Isc N-Channel MOSFET Transistor
IPB156N22NFD ISC-IPB156N22NFD Datasheet
268Kb / 2P
   Isc N-Channel MOSFET Transistor
IRF3205STRLPBF ISC-IRF3205STRLPBF Datasheet
266Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com