Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM556MD8 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM556MD8
Description  LM556-MIL Dual Timer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM556MD8 Datasheet(HTML) 3 Page - Texas Instruments

  LM556MD8 Datasheet HTML 1Page - Texas Instruments LM556MD8 Datasheet HTML 2Page - Texas Instruments LM556MD8 Datasheet HTML 3Page - Texas Instruments LM556MD8 Datasheet HTML 4Page - Texas Instruments LM556MD8 Datasheet HTML 5Page - Texas Instruments LM556MD8 Datasheet HTML 6Page - Texas Instruments LM556MD8 Datasheet HTML 7Page - Texas Instruments LM556MD8 Datasheet HTML 8Page - Texas Instruments LM556MD8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DISCHARGE
THRESHOLD
CTRL VOLTAGE
RESET
OUTPUT
TRIGGER
GND
TRIGGER
OUTPUT
RESET
CTRL VOLTAGE
THRESHOLD
VCC
DISCHARGE
3
LM556-MIL
www.ti.com
SNAS746 – JUNE 2017
Product Folder Links: LM556-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
D or NFF Package
14-Pin SOIC or PDIP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CONTROL
VOLTAGE
(Timer 0)
3
I
Controls the threshold and trigger levels. It determines the pulse width of the output
waveform. An external voltage applied to this pin can also be used to modulate the output
waveform.
CONTROL
VOLTAGE
(Timer 1)
11
I
Controls the threshold and trigger levels. It determines the pulse width of the output
waveform. An external voltage applied to this pin can also be used to modulate the output
waveform.
DISCHARGE
(Timer 0)
1
I
Open collector output which discharges a capacitor between intervals (in phase with output).
It toggles the output from high to low when voltage reaches 2/3 of supply voltage.
DISCHARGE
(Timer 1)
13
I
Open collector output which discharges a capacitor between intervals (in phase with output).
It toggles the output from high to low when voltage reaches 2/3 of supply voltage.
GND
7
O
Ground reference voltage
OUTPUT
(Timer 0)
5
O
Output driven waveform
OUTPUT
(Timer 1)
9
O
Output driven waveform
RESET
(Timer 0)
4
I
Negative pulse applied to this pin to disable or reset the timer. When not used for reset
purposes, it should be connected to Vcc to avoid false triggering.
RESET
(Timer 1)
10
I
Negative pulse applied to this pin to disable or reset the timer. When not used for reset
purposes, it should be connected to Vcc to avoid false triggering.
THRESHOLD
(Timer 0)
2
I
Compares the voltage applied to the terminal with a reference voltage of 2/3 VCC. The
amplitude of voltage applied to this terminal is responsible for the set state of the flip-flop.
TRIGGER
(Timer 0)
6
I
Responsible for transition of the flip-flop from set to reset. The output of the timer depends
on the amplitude of the external trigger pulse applied to this pin.
THRESHOLD
(Timer 1)
12
I
Compares the voltage applied to the terminal with a reference voltage of 2/3 VCC. The
amplitude of voltage applied to this terminal is responsible for the set state of the flip-flop.
TRIGGER
(Timer 1)
8
I
Responsible for transition of the flip-flop from set to reset. The output of the timer depends
on the amplitude of the external trigger pulse applied to this pin.
VCC
14
I
Supply voltage with respect to GND


Similar Part No. - LM556MD8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM556MD8 TI1-LM556MD8 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Timer
More results

Similar Description - LM556MD8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM556CN TI-LM556CN Datasheet
235Kb / 10P
[Old version datasheet]   LM556 Dual Timer
NE556V TI-NE556V Datasheet
235Kb / 10P
[Old version datasheet]   LM556 Dual Timer
LM555-MIL TI1-LM555-MIL Datasheet
561Kb / 18P
[Old version datasheet]   LM555-MIL Timer
logo
National Semiconductor ...
LM556 NSC-LM556 Datasheet
216Kb / 8P
   Dual Timer
logo
Fairchild Semiconductor
KA556 FAIRCHILD-KA556 Datasheet
44Kb / 8P
   Dual Timer
logo
Unisonic Technologies
LM556 UTC-LM556_15 Datasheet
170Kb / 4P
   DUAL TIMER
logo
Texas Instruments
LM556 TI1-LM556_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Timer
logo
Mitsubishi Electric Sem...
M51847P MITSUBISHI-M51847P Datasheet
153Kb / 4P
   DUAL TIMER
logo
NXP Semiconductors
NE556 PHILIPS-NE556 Datasheet
103Kb / 5P
   Dual timer
August 31, 1994
logo
Fairchild Semiconductor
LM556 FAIRCHILD-LM556 Datasheet
44Kb / 8P
   Dual Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com