Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM46002A-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM46002A-Q1
Description  3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM46002A-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LM46002A-Q1 Datasheet HTML 1Page - Texas Instruments LM46002A-Q1 Datasheet HTML 2Page - Texas Instruments LM46002A-Q1 Datasheet HTML 3Page - Texas Instruments LM46002A-Q1 Datasheet HTML 4Page - Texas Instruments LM46002A-Q1 Datasheet HTML 5Page - Texas Instruments LM46002A-Q1 Datasheet HTML 6Page - Texas Instruments LM46002A-Q1 Datasheet HTML 7Page - Texas Instruments LM46002A-Q1 Datasheet HTML 8Page - Texas Instruments LM46002A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
ENABLE
SS/TRK
AGND
FB
LM46002-Q1
VIN
COUT
CBOOT
CIN
CVCC
VOUT
CBIAS
RFBT
RFBB
CFF
L
PGOOD
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Frequency (MHz)
Evaluation Board
EN 55022 Class B Limit
EN 55022 Class A Limit
C001
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM46002-Q1, LM46002A-Q1
SNVSAA2B – JULY 2015 – REVISED JULY 2017
LM46002-Q1 3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to
+125°C Ambient Operating Temperature
27-µA Quiescent Current in Regulation
High Efficiency at Light Load (DCM and PFM)
Tested to EN55022/CISPR 22 EMI standards
Integrated Synchronous Rectification
Adjustable Frequency Range: 200 kHz to 2.2 MHz
(500-kHz default)
Frequency Synchronization to External Clock
Internal Compensation
Stable With Almost Any Combination of Ceramic,
Polymer, Tantalum, and Aluminum Capacitors
Power-Good Flag
Soft Start into Pre-Biased Load
Internal and Adjustable External Soft Start
Output Voltage Tracking Capability
Precision Enable to Program System UVLO
Output Short-Circuit Protection With Hiccup Mode
Overtemperature Thermal Shutdown Protection
Create a Custom Design Using the LM46002-Q1
With the WEBENCH® Power Designer
2 Applications
Sub-AM Band 12-V and 24-V Automotive
Telecommunications Systems
Commercial Vehicle Power Supplies
General Purpose Wide VIN Regulation
High Efficiency Point-Of-Load Regulation
3 Description
The
LM46002-Q1
regulator
is
an
easy-to-use
synchronous step-down DC-DC converter capable of
driving up to 2 A of load current from an input voltage
ranging from 3.5 V to 60 V. The LM46002-Q1
provides exceptional efficiency, output accuracy and
drop-out voltage in a very small solution size. An
extended family is available in various load-current
options and 36-V maximum input voltage. The device
is pin-to-pin compatible package with LM4360x and
LM4600x
family.
Peak-current-mode
control
is
employed
to
achieve
simple
control-loop
compensation and cycle-by-cycle current limiting.
Optional features such as programmable switching
frequency,
synchronization,
power-good
flag,
precision enable, internal soft-start, extendable soft-
start, and tracking provide a flexible and easy-to-use
platform
for
a
wide
range
of
applications.
Discontinuous conduction and automatic frequency
reduction at light loads improve light load efficiency.
The family requires few external components. Pin
arrangement allows simple, optimum PCB layout.
Protection features include thermal shutdown, VCC
undervoltage lockout, cycle-by-cycle current limit, and
output short-circuit protection. The LM46002A-Q1
version
is
optimized
for
PFM
operation
and
recommended for new designs. The LM46002-Q1
device is available in the 16-lead HTSSOP (PWP)
package (6.6 mm × 5.1 mm × 1.2 mm) with 0.65-mm
lead pitch.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM46002-Q1
HTSSOP (16)
6.60 mm × 5.10 mm
LM46002A-Q1
HTSSOP (16)
6.60 mm × 5.10 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
white
white
Simplified Schematic
Radiated Emission Graph
VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz, IOUT = 2 A


Similar Part No. - LM46002A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46002 TI-LM46002 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
logo
TEXAS ADVANCED OPTOELEC...
LM46002EVM TAOS-LM46002EVM Datasheet
1Mb / 16P
   evaluation module (EVM) helps designers evaluate the operation
logo
Texas Instruments
LM46002PWP TI-LM46002PWP Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM46002A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM46000 TI1-LM46000 Datasheet
2Mb / 56P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com