Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6001-MIL Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6001-MIL
Description  Ultra, Ultra-Low Input Current Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6001-MIL Datasheet(HTML) 4 Page - Texas Instruments

  LMC6001-MIL Datasheet HTML 1Page - Texas Instruments LMC6001-MIL Datasheet HTML 2Page - Texas Instruments LMC6001-MIL Datasheet HTML 3Page - Texas Instruments LMC6001-MIL Datasheet HTML 4Page - Texas Instruments LMC6001-MIL Datasheet HTML 5Page - Texas Instruments LMC6001-MIL Datasheet HTML 6Page - Texas Instruments LMC6001-MIL Datasheet HTML 7Page - Texas Instruments LMC6001-MIL Datasheet HTML 8Page - Texas Instruments LMC6001-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
LMC6001-MIL
SNOSD60 – JUNE 2017
www.ti.com
Product Folder Links: LMC6001-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Human body model, 1.5 kΩ in series with 100 pF.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
5.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted).
MIN
MAX
UNIT
VSS
Supply input voltage
4.5
15.5
V
TJ
Operating junction temperature
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
5.4 Thermal Information
THERMAL METRIC(1)
LMC6001-MIL
UNIT
P (PDIP)
LMC (TO-99)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
100
145
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
45
°C/W
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
V+ = 15 V, VCM = 7.5 V and RL connected to 7.5 V. For Sourcing tests, 7.5 V ≤ VO ≤ 11.5 V. For Sinking tests, 2.5 V ≤ VO ≤ 7.5 V.
5.5 DC Electrical Characteristics for LMC6001AI
Limits are ensured for TJ = 25°C unless otherwise specified. Unless otherwise specified, V
+ = 5 V, V= 0 V, V
CM = 1.5 V, and
RL > 1 M.
PARAMETER
TEST CONDITIONS
LMC6001AI
UNIT
MIN(1)
TYP(2)
MAX(1)
IB
Input Current
Either Input, VCM = 0 V,
VS = ±5 V
10
25
fA
At the temperature extremes
2000
IOS
Input Offset
Current
5
At the temperature extremes
1000
VOS
Input Offset
Voltage
0.7
mV
At the temperature extremes
1
VS = ±5 V, VCM = 0 V
10
At the temperature extremes
1.35
TCVOS
Input Offset
Voltage Drift
2.5
µV/°C
RIN
Input
Resistance
>1
CMRR
Common Mode 0 V
≤ VCM ≤ 7.5 V
75
83
dB
Rejection Ratio V+ = 10 V
At the temperature extremes
72
+PSRR
Positive Power
Supply
Rejection Ratio
5 V
≤ V+ ≤ 15 V
73
83
At the temperature extremes
70
−PSRR
Negative
Power Supply
Rejection Ratio
0 V
≥ V≥ −10 V
80
94
At the temperature extremes
77
AV
Large Signal
Voltage Gain
Sourcing, RL = 2 kΩ
(3)
400
1400
V/mV
300
Sinking, RL = 2 kΩ
(3)
180
350
At the temperature extremes
100


Similar Part No. - LMC6001-MIL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6001 NSC-LMC6001 Datasheet
305Kb / 14P
   Ultra Ultra-Low Input Current Amplifier
logo
Texas Instruments
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
logo
National Semiconductor ...
LMC6001AIH NSC-LMC6001AIH Datasheet
305Kb / 14P
   Ultra Ultra-Low Input Current Amplifier
LMC6001AIN NSC-LMC6001AIN Datasheet
305Kb / 14P
   Ultra Ultra-Low Input Current Amplifier
More results

Similar Description - LMC6001-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
logo
National Semiconductor ...
LMC6001 NSC-LMC6001 Datasheet
305Kb / 14P
   Ultra Ultra-Low Input Current Amplifier
logo
Texas Instruments
LMC6001 TI1-LMC6001_16 Datasheet
611Kb / 25P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
INA116 TI1-INA116 Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA116 BURR-BROWN-INA116 Datasheet
246Kb / 9P
   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
logo
List of Unclassifed Man...
LCA-20K-200M ETC2-LCA-20K-200M Datasheet
262Kb / 3P
   Ultra-Low-Noise Current Amplifier
logo
EUROQUARTZ limited
EM64K EUROQUARTZ-EM64K Datasheet
121Kb / 1P
   ULTRA-LOW CURRENT
EM44K EUROQUARTZ-EM44K Datasheet
106Kb / 1P
   ULTRA-LOW CURRENT
EM8K EUROQUARTZ-EM8K Datasheet
100Kb / 1P
   ULTRA-LOW CURRENT
EM57K EUROQUARTZ-EM57K Datasheet
136Kb / 1P
   ULTRA-LOW CURRENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com