Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM46002QPWPRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002QPWPRQ1
Description  3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM46002QPWPRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  LM46002QPWPRQ1 Datasheet HTML 1Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 2Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 3Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 4Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 5Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 6Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 7Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 8Page - Texas Instruments LM46002QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
5
LM46002-Q1, LM46002A-Q1
www.ti.com
SNVSAA2B – JULY 2015 – REVISED JULY 2017
Product Folder Links: LM46002-Q1 LM46002A-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7 standard with a 4-layer board and 2-W power dissipation.
(3)
RθJA is highly related to PCB layout and heat sinking. Please refer to Figure 101 for measured RθJA vs PCB area from a 2-layer board
and a 4-layer board.
6.4 Thermal Information
THERMAL METRIC (1)(2)
LM46002-Q1
UNIT
PWP (HTSSOP)
(16 PINS)
RθJA
Junction-to-ambient thermal resistance
38.9(3)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
24.3
°C/W
RθJB
Junction-to-board thermal resistance
19.9
°C/W
ψJT
Junction-to-top characterization parameter
0.7
°C/W
ψJB
Junction-to-board characterization parameter
19.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.7
°C/W
6.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature (TJ) range of –40°C to +125°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PINS)
VIN-MIN-ST
Minimum input voltage for start-up
3.8
V
ISHDN
Shutdown quiescent current
VEN = 0 V
2.3
5
µA
IQ-NONSW
Operating quiescent current (non-
switching) from VIN
VEN = 3.3 V
VFB = 1.5 V
VBIAS = 3.4 V external
7
12
µA
IBIAS-NONSW
Operating quiescent current (non-
switching) from external VBIAS
VEN = 3.3 V
VFB = 1.5 V
VBIAS = 3.4 V external
87
135
µA
IQ-SW
Operating quiescent current (switching)
VEN = VIN
IOUT = 0 A
RT = open
VBIAS = VOUT = 3.3 V
RFBT = 1 Meg
27
µA
ENABLE (EN PIN)
VEN-VCC-H
Voltage level to enable the internal
LDO output VCC
VENABLE high level
1.2
V
VEN-VCC-L
Voltage level to disable the internal
LDO output VCC
VENABLE low level
0.4
V
VEN-VOUT-H
Precision enable level for switching and
regulator output: VOUT
VENABLE high level
2
2.1
2.42
V
VEN-VOUT-HYS
Hysteresis voltage between VOUT
precision enable and disable thresholds
VENABLE hysteresis
–294
mV
ILKG-EN
Enable input leakage current
VEN = 3.3 V
0.8
1.7
µA
INTERNAL LDO (VCC PIN AND BIAS PIN)
VCC
Internal LDO output voltage VCC
VIN ≥ 3.8 V
3.2
V
VCC-UVLO
Undervoltage lock out (UVLO)
thresholds for VCC
VCC rising threshold
3.15
V
Hysteresis voltage between rising and
falling thresholds
–575
mV
VBIAS-ON
Internal LDO input change over
threshold to BIAS
VBIAS rising threshold
2.94
3.15
V
Hysteresis voltage between rising and
falling thresholds
–67
mV


Similar Part No. - LM46002QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46002QPWPRQ1 TI-LM46002QPWPRQ1 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM46002QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM46000 TI1-LM46000 Datasheet
2Mb / 56P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com