Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6044-MDC Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6044-MDC
Description  CMOS Quad Micropower Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6044-MDC Datasheet(HTML) 3 Page - Texas Instruments

  LMC6044-MDC Datasheet HTML 1Page - Texas Instruments LMC6044-MDC Datasheet HTML 2Page - Texas Instruments LMC6044-MDC Datasheet HTML 3Page - Texas Instruments LMC6044-MDC Datasheet HTML 4Page - Texas Instruments LMC6044-MDC Datasheet HTML 5Page - Texas Instruments LMC6044-MDC Datasheet HTML 6Page - Texas Instruments LMC6044-MDC Datasheet HTML 7Page - Texas Instruments LMC6044-MDC Datasheet HTML 8Page - Texas Instruments LMC6044-MDC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LMC6044
www.ti.com
SNOS612D – NOVEMBER 1994 – REVISED MARCH 2013
Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TA = TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ =
5V, V
= 0V, V
CM = 1.5V, VO = V
+/2, and R
L > 1M unless otherwise specified.
Symbol
Parameter
Conditions
LMC6044AI
LMC6044I
Units
Typical(1)
Limit(2)
Limit(2)
(Limit)
VOS
1
3
6
mV
Input Offset Voltage
3.3
6.3
max
TCVOS
Input Offset Voltage
1.3
μV/°C
Average Drift
IB
Input Bias Current
0.002
4
4
pA max
IOS
Input Offset Current
0.001
2
2
RIN
Input Resistance
>10
Tera
Ω
CMRR
75
68
62
dB
Common Mode Rejection
0V
≤ VCM ≤ 12.0V
Ratio
V+ = 15V
66
60
min
+PSRR
75
68
62
dB
Positive Power Supply
5V
≤ V+ ≤ 15V
Rejection Ratio
VO = 2.5V
66
60
min
−PSRR
94
84
74
dB
Negative Power Supply
0V
≤ V≤ −10V
Rejection Ratio
VO = 2.5V
83
73
min
CMR
−0.4
−0.1
−0.1
V
0
0
max
Input Common-Mode
V+ = 5V & 15V
Voltage Range
For CMRR
≥ 50 dB
V+
− 1.9V
V+
− 2.3V
V+
− 2.3V
V
V+
− 2.5V
V+
− 2.4V
min
AV
1000
400
300
V/mV
Sourcing
300
200
min
RL = 100 kΩ
(3)
500
180
90
V/mV
Sinking
120
70
min
Large Signal Voltage Gain
1000
200
100
V/mV
Sourcing
160
80
min
RL = 25 kΩ
(3)
250
100
50
V/mV
Sinking
60
40
min
VO
4.987
4.970
4.940
V
4.950
4.910
min
V+ = 5V
RL = 100 kΩ to 2.5V
0.004
0.030
0.060
V
0.050
0.090
max
4.980
4.920
4.870
V
4.870
4.820
min
V+ = 5V
RL = 25 kΩ to 2.5V
0.010
0.080
0.130
V
0.130
0.180
max
Output Swing
14.970
14.920
14.880
V
14.880
14.820
min
V+ = 15V
RL = 100 kΩ to V
+/2
0.007
0.030
0.060
V
0.050
0.090
max
14.950
14.900
14.850
V
14.850
14.800
min
V+ = 15V
RL = 25 kΩ to V
+/2
0.022
0.100
0.150
V
0.150
0.200
max
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are guaranteed at room temperature (standard type face) or at operating temperature extremes (bold face type).
(3)
V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC6044


Similar Part No. - LMC6044-MDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6044-MDC TI1-LMC6044-MDC Datasheet
1Mb / 23P
[Old version datasheet]   LMC6044 CMOS Quad Micropower Operational Amplifier
More results

Similar Description - LMC6044-MDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
   CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6044 TI1-LMC6044 Datasheet
1Mb / 23P
[Old version datasheet]   LMC6044 CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
[Old version datasheet]   Precision CMOS Quad Micropower Operational Amplifier
LMC6064IM TI1-LMC6064IM Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
LMC6064 TI1-LMC6064 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
   Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
   Micropower Quad Operational Amplifier
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
[Old version datasheet]   Micropower Quad Operational Amplifier
logo
Analog Devices
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com